Electronic Components Datasheet Search
  English  ▼

X  

LTC3417 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3417
Description  Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3417 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3417 Datasheet HTML 12Page - Linear Technology LTC3417 Datasheet HTML 13Page - Linear Technology LTC3417 Datasheet HTML 14Page - Linear Technology LTC3417 Datasheet HTML 15Page - Linear Technology LTC3417 Datasheet HTML 16Page - Linear Technology LTC3417 Datasheet HTML 17Page - Linear Technology LTC3417 Datasheet HTML 18Page - Linear Technology LTC3417 Datasheet HTML 19Page - Linear Technology LTC3417 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC3417
3417fb
Board Layout Considerations
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC3417. These items are also illustrated graphically in
the layout diagram of Figure 5. Check the following in your
layout.
1. Does the capacitor CIN connect to the power VIN1
(Pin 2), VIN2 (Pin 8), and PGND2/GNDD (Pin 17) as
close as possible (DFN package)? It may be necessary
to split CIN into two capacitors. This capacitor provides
the AC current to the internal power MOSFETs and
their drivers.
2. Are the COUT1, L1 and COUT2, L2 closely connected? The
(–) plate of COUT1 returns current to PGND1, and the
(–) plate of COUT2 returns current to the PGND2/GNDD
and the (–) plate of CIN.
3. The resistor divider, R1 and R2, must be connected
between the (+) plate of COUT1 and a ground line
terminated near GNDA. The resistor divider, R3 and R4,
must be connected between the (+) plate of COUT2 and
a ground line terminated near GNDA. The feedback
signals VFB1 and VFB2 should be routed away from noise
components and traces, such as the SW lines, and its
trace should be minimized.
4. Keep sensitive components away from the SW pins.
The input capacitor CIN, the compensation capacitors
CC1, CC2, CITH1 and CITH2 and all resistors R1, R2, R3,
R4, RITH1and RITH2 should be routed away from the SW
traces and the inductors L1 and L2.
5. A ground plane is preferred, but if not available, keep the
signal and power grounds segregated with small signal
components returning to the GNDA pin at one point
which is then connected to the PGND2/GNDD pin.
6. Flood all unused areas on all layers with copper. Flood-
ing with copper will reduce the temperature rise of
power components. These copper areas should be
connected to one of the input supplies.
APPLICATIO S I FOR ATIO
VIN2
PGND2/
EXPOSED PAD
VIN1
PGND1
SW1
VFB1
ITH1
FREQ
RUN1
MODE
LTC3417
GNDD
VIN
VIN
VIN
CIN
10
µF
CIN2
0.1
µF
CIN1
0.1
µF
COUT2
VOUT2
COUT1
VOUT1
L2
L1
CC2
CC1
R3
R4
RITH2
CITH2
CITH1
R8
R1
R2
RITH1
R7
STAR TO
GNDA
STAR TO
GNDA
GNDA
SW2
VFB2
ITH2
PGOOD
RUN2
PHASE
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com