Electronic Components Datasheet Search
  English  ▼

X  

LTC3417 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3417
Description  Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3417 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3417 Datasheet HTML 10Page - Linear Technology LTC3417 Datasheet HTML 11Page - Linear Technology LTC3417 Datasheet HTML 12Page - Linear Technology LTC3417 Datasheet HTML 13Page - Linear Technology LTC3417 Datasheet HTML 14Page - Linear Technology LTC3417 Datasheet HTML 15Page - Linear Technology LTC3417 Datasheet HTML 16Page - Linear Technology LTC3417 Datasheet HTML 17Page - Linear Technology LTC3417 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC3417
3417fb
VOUT can be monitored for overshoot or ringing that would
indicate a stability problem.
The initial output voltage step may not be within the
bandwidth of the feedback loop, so the standard second
order overshoot/DC ratio cannot be used to determine
phase margin. The gain of the loop increases with RITH and
the bandwidth of the loop increases with decreasing CITH.
If RITH is increased by the same factor that CITH is de-
creased, the zero frequency will be kept the same, thereby
keeping the phase the same in the most critical frequency
range of the feedback loop. In addition, feedforward ca-
pacitors, C1 and C2, can be added to improve the high
frequency response, as shown in Figure 4. Capacitor C1
provides phase lead by creating a high frequency zero with
R1 which improves the phase margin for the 1.4A SW1
channel. Capacitor C2 provides phase lead by creating a
high frequency zero with R3 which improves the phase
margin for the 800mA SW2 channel.
The output voltage settling behavior is related to the
stability of the closed-loop system and will demonstrate
the actual overall supply performance. For a detailed
explanation of optimizing the compensation components,
including a review of control loop theory, refer to Linear
Technology Application Note 76.
Although a buck regulator is capable of providing the full
output current in dropout, it should be noted that as the
input voltage VIN drops toward VOUT, the load step capa-
bility does decrease due to the decreasing voltage across
the inductor. Applications that require large load step
capability near dropout should use a different topology
such as SEPIC, Zeta, or single inductor, positive buck
boost.
In some applications, a more severe transient can be
caused by switching in loads with large (>1
µF) input
capacitors. The discharged input capacitors are effectively
put in parallel with COUT, causing a rapid drop in VOUT. No
regulator can deliver enough current to prevent this prob-
lem, if the switch connecting the load has low resistance
and is driven quickly. The solution is to limit the turn-on
speed of the load switch driver. A Hot Swap
TM controller is
designed specifically for this purpose and usually incorpo-
rates current limiting, short-circuit protection, and soft-
starting.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100. It
is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can be
expressed as:
% Efficiency = 100% – (P1+ P2 + P3 +…)
where P1, P2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, four main sources account for most of the losses
in LTC3417 circuits: 1) LTC3417 IS current, 2) switching
losses, 3) I2R losses, 4) other losses.
1) The IS current is the DC supply current given in the
electrical characteristics which excludes MOSFET driver
and control currents. IS current results in a small (<0.1%)
loss that increases with VIN, even at no load.
2) The switching current is the sum of the MOSFET driver
and control currents. The MOSFET driver current results
from switching the gate capacitance of the power MOSFETs.
Each time a MOSFET gate is switched from low to high to
low again, a packet of charge moves from VIN to ground.
The resulting charge over the switching period is a current
out of VIN that is typically much larger than the DC bias
current. The gate charge losses are proportional to VIN and
thus their effects will be more pronounced at higher
supply voltages.
APPLICATIO S I FOR ATIO
Hot Swap is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com