Electronic Components Datasheet Search
  English  ▼

X  

LTC3417 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3417
Description  Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3417 Datasheet(HTML) 4 Page - Linear Technology

  LTC3417 Datasheet HTML 1Page - Linear Technology LTC3417 Datasheet HTML 2Page - Linear Technology LTC3417 Datasheet HTML 3Page - Linear Technology LTC3417 Datasheet HTML 4Page - Linear Technology LTC3417 Datasheet HTML 5Page - Linear Technology LTC3417 Datasheet HTML 6Page - Linear Technology LTC3417 Datasheet HTML 7Page - Linear Technology LTC3417 Datasheet HTML 8Page - Linear Technology LTC3417 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC3417
3417fb
OUT1 Burst Mode Operation
OUT1 Pulse Skipping
Mode Operation
OUT1 Forced Continuous
Mode Operation
OUT2 Burst Mode Operation
OUT2 Pulse Skipping
Mode Operation
OUT1 Efficiency vs Load Current
OUT2 Efficiency vs Load Current
OUT1 Efficiency vs VIN
(Burst Mode Operation)
OUT2 Forced Continuous
Mode Operation
LOAD CURRENT (A)
70
80
85
95
100
0.001
0.1
1
10
3417 G07
3417 G04
60
0.01
90
75
65
LOAD CURRENT (A)
0.001
80
90
100
0.01
0.1
1
3417 G08
3417 G05
70
75
85
95
65
60
VIN (V)
2
2.5
3.5
4.5
5.5
90
95
100
3417 G09
3417 G06
3417 G01
3417 G02
3417 G03
85
80
3
45
75
70
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA
REFER TO FIGURE 4
VIN = 3.6V
VOUT = 2.5V
ILOAD = 60mA
REFER TO FIGURE 4
VIN = 3.6V
VOUT = 2.5V
ILOAD = 60mA
REFER TO FIGURE 4
VIN = 3.6V
VOUT = 2.5V
ILOAD = 60mA
REFER TO FIGURE 4
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA
REFER TO FIGURE 4
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA
REFER TO FIGURE 4
IL
250mA/DIV
VOUT
20mV/DIV
IL
250mA/DIV
VOUT
20mV/DIV
IL
250mA/DIV
VOUT
20mV/DIV
IL
250mA/DIV
VOUT
20mV/DIV
IL
250mA/DIV
VOUT
20mV/DIV
IL
250mA/DIV
VOUT
20mV/DIV
VIN = 2.5V
VOUT = 1.8V
VIN = 3.6V
VOUT = 2.5V
VOUT = 1.8V
Burst Mode
OPERATION
PULSE SKIP
FORCED
CONTINUOUS
REFER TO FIGURE 4
Burst Mode
OPERATION
PULSE SKIP
FORCED
CONTINUOUS
REFER TO FIGURE 4
ILOAD = 1.4A
ILOAD = 460mA
2
µs/DIV
2
µs/DIV
2
µs/DIV
2
µs/DIV
2
µs/DIV
2
µs/DIV
REFER TO FIGURE 4
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com