Electronic Components Datasheet Search
  English  ▼

X  

RT5744 Datasheet(PDF) 36 Page - Richtek Technology Corporation

Part # RT5744
Description  2.4MHz 4A/6A Step-Down Converter with I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5744 Datasheet(HTML) 36 Page - Richtek Technology Corporation

Back Button RT5744 Datasheet HTML 30Page - Richtek Technology Corporation RT5744 Datasheet HTML 31Page - Richtek Technology Corporation RT5744 Datasheet HTML 32Page - Richtek Technology Corporation RT5744 Datasheet HTML 33Page - Richtek Technology Corporation RT5744 Datasheet HTML 34Page - Richtek Technology Corporation RT5744 Datasheet HTML 35Page - Richtek Technology Corporation RT5744 Datasheet HTML 36Page - Richtek Technology Corporation RT5744 Datasheet HTML 37Page - Richtek Technology Corporation RT5744 Datasheet HTML 38Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
RT5744/RT5746
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5744/DS5746-00
November
2023
36
Tape and Reel Packing
Step
Photo/Description
Step
Photo/Description
1
4
Reel 7”
12 inner boxes per outer box
2
5
Packing by Anti-Static Bag
Outer box Carton A
3
6
3 reels per inner box Box A
Container
Package
Reel
Box
Carton
Size
Units
Item
Size(cm)
Reels
Units
Item
Size(cm)
Boxes
Unit
WL-CSP
1.31x2.02
7”
3,000
Box A
18.3*18.3*8.0
3
9,000
Carton A
38.3*27.2*38.3
12
108,000
Box E
18.6*18.6*3.5
1
3,000
For Combined or Partial Reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com