Electronic Components Datasheet Search
  English  ▼

X  

RT5744 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5744
Description  2.4MHz 4A/6A Step-Down Converter with I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5744 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5744 Datasheet HTML 1Page - Richtek Technology Corporation RT5744 Datasheet HTML 2Page - Richtek Technology Corporation RT5744 Datasheet HTML 3Page - Richtek Technology Corporation RT5744 Datasheet HTML 4Page - Richtek Technology Corporation RT5744 Datasheet HTML 5Page - Richtek Technology Corporation RT5744 Datasheet HTML 6Page - Richtek Technology Corporation RT5744 Datasheet HTML 7Page - Richtek Technology Corporation RT5744 Datasheet HTML 8Page - Richtek Technology Corporation RT5744 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
RT5744/RT5746
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5744/DS5746-00
November
2023
www.richtek.com
1
2.4MHz 4A/6A Step-Down Converter with I2C Interface
General Description
The RT5744 and RT5746 are step-down switching
voltage regulators that deliver a digitally programmable
output from an input voltage supply of 2.5V to 5.5V. The
output voltage is programmed through an I2C interface
that can operate up to 3.4MHz.
Using a proprietary architecture with synchronous
rectification, the RT5744 and RT5746 are capable of
delivering continuous 4A and 6A, maintaining that
efficiency at load currents as low as 10mA. The
regulator operates at a nominal fixed frequency of
2.4MHz, which reduces the external component counts.
Additional output capacitance can be added to improve
regulation during load transients without affecting
stability.
At
moderate
and
light
loads,
Pulse
Frequency
Modulation (PFM) is used to operate in power-saving
mode with a typical quiescent current of 45
A at room
temperature. Even with such a low quiescent current,
the part exhibits excellent transient response during
large load swings. At higher loads, the system
automatically switches to fixed frequency control,
operating at 2.4MHz. In shutdown mode, the supply
current is typically 0.1
A, and is excellent in reducing
power consumption. The PFM mode can be disabled if
the fixed frequency is desired. The RT5744 and RT5746
are available in WL-CSP-14B 1.31x2.02 (BSC) package.
The recommended junction temperature range is
−40C
to 125
C.
Features
⚫
Programmable Output Voltage Range
0.27V to 1.4V, 6.25mV/bit
⚫
Programmable Slew Rate for Voltage Transitions
⚫
Steady 2.4MHz Switching Frequency
⚫
Fast Load Transient
⚫
Continuous Output Current Capability: 4A/6A
⚫
2.5V to 5.5V Input Voltage Range
⚫
Digitally Programmable Output Voltage
⚫
I2C-Compatible Interface Up to 3.4Mbps
⚫
PFM Mode for High Efficiency at Light Load
⚫
Quiescent Current in PFM Mode: 45
A (Typical)
⚫
Input Undervoltage Lockout (UVLO)
⚫
Thermal Shutdown and Overload Protection
⚫
Power Good Indicator
Applications
⚫
Application, Graphic, and DSP Processors
⚫
ARMTM, TegraTM, OMAPTM, NovaThorTM,
ARMADATM, KraitTM, etc.
⚫
Hard Disk Drives, LPDDR3, LPDDR4, LPDDR5
⚫
Tablets, Netbooks, Ultra-Mobile PCs
⚫
Smart Phones
⚫
Gaming Devices
Simplified Application Circuit
VIN
RT5744/
RT5746 SW
VOUT
SCL
AGND
EN
VIN
PGND
SDA
C2
Remote
C1
Enable
I
2
C Control
C4
VOUT
VSEL
Signal
L1
A1,B1, C1
D3
E2
A2, B2
E3
D2
D1
E1
A3, B3
C3
PG
Signal
Output
C3
R1


Similar Part No. - RT5744

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5746 RICHTEK-RT5746 Datasheet
1Mb / 38P
2.4MHz 4A/6A Step-Down Converter with I2C Interface
November 2023
More results

Similar Description - RT5744

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3427 EUTECH-EUP3427 Datasheet
201Kb / 2P
4A, Synchronous Step-Down Converter
EUP3427A EUTECH-EUP3427A Datasheet
79Kb / 1P
4A, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
6A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8865-Q-00A MPS-EV8865-Q-00A Datasheet
458Kb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
logo
Richtek Technology Corp...
RT8088A RICHTEK-RT8088A Datasheet
236Kb / 16P
2.7MHz 3A Step-Down Converter with I2C Interface
August 2017
RTQ2134-QA RICHTEK-RTQ2134-QA Datasheet
2Mb / 50P
2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com