Electronic Components Datasheet Search
  English  ▼

X  

RT5744 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT5744
Description  2.4MHz 4A/6A Step-Down Converter with I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5744 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT5744 Datasheet HTML 11Page - Richtek Technology Corporation RT5744 Datasheet HTML 12Page - Richtek Technology Corporation RT5744 Datasheet HTML 13Page - Richtek Technology Corporation RT5744 Datasheet HTML 14Page - Richtek Technology Corporation RT5744 Datasheet HTML 15Page - Richtek Technology Corporation RT5744 Datasheet HTML 16Page - Richtek Technology Corporation RT5744 Datasheet HTML 17Page - Richtek Technology Corporation RT5744 Datasheet HTML 18Page - Richtek Technology Corporation RT5744 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
RT5744/RT5746
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5744/DS5746-00
November
2023
www.richtek.com
15
VIN = 3.8V, VOUT = 0.8V, IOUT = 0.01A to 1.5A
(tR = tF = 500ns)
VOUT
offset 1.125V
(20mV/Div)
IOUT
(1A/Div)
Time (40
s/Div)
Load Transient Response
L = 0.33
H (DFE201612E-R33M=P2),
COUT = 22Fx2, Auto mode
L = 0.33
H (DFE201612E-R33M=P2),
COUT = 22Fx2, Auto mode
VOUT
offset 0.9V
(20mV/Div)
IOUT
offset 0.1V
(1A/Div)
Time (40
s/Div)
Load Transient Response
VIN = 3.8V, VOUT = 0.8V, IOUT = 0.1A to 1.8A
(tR = tF = 1s)
IOUT = 0.01A to 0.8A (tR = tF = 1s), L = 0.33H
(DFE201612E-R33M=P2
VOUT
offset 0.8V
(10mV/Div)
IOUT
(400mA/Div)
Time (40
s/Div)
Load Transient Response
VIN = 3.8V, VOUT = 0.8V
COUT = 22Fx2,
Auto mode
L = 0.33
H (DFE201612E-R33M=P2),
COUT = 22Fx2, FCCM mode
VOUT
offset 0.8V
(40mV/Div)
VIN
offset 3V
(300mV/Div)
Time (50
s/Div)
Line Transient Response
VIN = 3V to 3.6V (tR = tF = 10s), VOUT = 0.8V,
IOUT = 100mA
VOUT
(200mV/Div)
IOUT
(4A/Div)
VEN
(2V/Div)
VPG
(2V/Div)
Time (100
s/Div)
Power On from EN
IOUT = 4A, COUT = 22Fx2,
Auto mode
VIN = 3.6V, VOUT = 0.8V
L = 0.33
H (DFE201612E-
R33M=P2
VIN = 3.6V, VOUT = 0.8V,
L = 0.33
H (DFE201612E-
R33M=P2)
VEN
(2V/Div)
VOUT
(200mV/Div)
IOUT
(4A/Div)
VPG
(2V/Div)
Time (5
s/Div)
Power Off from EN
IOUT = 4A, COUT = 22Fx2,
Auto mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com