Electronic Components Datasheet Search
  English  ▼

X  

RT5744 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT5744
Description  2.4MHz 4A/6A Step-Down Converter with I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5744 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT5744 Datasheet HTML 1Page - Richtek Technology Corporation RT5744 Datasheet HTML 2Page - Richtek Technology Corporation RT5744 Datasheet HTML 3Page - Richtek Technology Corporation RT5744 Datasheet HTML 4Page - Richtek Technology Corporation RT5744 Datasheet HTML 5Page - Richtek Technology Corporation RT5744 Datasheet HTML 6Page - Richtek Technology Corporation RT5744 Datasheet HTML 7Page - Richtek Technology Corporation RT5744 Datasheet HTML 8Page - Richtek Technology Corporation RT5744 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
RT5744/RT5746
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5744/DS5746-00
November
2023
2
Ordering Information
Part No.
Power-Up Defaults
EN Delay
Time
Slave
Address
Package Type
VSEL0
VSEL1
RT5744AP-A
0.8V
0.9V
0ms
0x52
P: WL-CSP-14B 1.31x 2.02 (BSC)
RT5744BP-A
0.8V
0.9V
0ms
0x51
RT5746AP-A
1.05V
0.9V
0ms
0x52
Note:
Richtek products are Richtek Green Policy compliant and compatible with the current requirements of IPC/JEDEC J-STD-020.
Marking Information
CD: Product Code
YMDAN: Date Code
CD YM
DAN
RT5744AP-A
CF: Product Code
YMDAN: Date Code
CF YM
DAN
RT5744BP-A
CG: Product Code
YMDAN: Date Code
CG YM
DAN
RT5746AP-A
Pin Configuration
(TOP VIEW)
VIN
AGND
SDA
VOUT
VSEL
VIN
PGND
PGND
VIN
SW
EN
SCL
SW
A1
E1
C1
C3
D3
D1
E2
E3
D2
A2
A3
B3
B1
B2
PG
WL-CSP-14B 1.31x 2.02 (BSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com