Electronic Components Datasheet Search
  English  ▼

X  

RT5744 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT5744
Description  2.4MHz 4A/6A Step-Down Converter with I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5744 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT5744 Datasheet HTML 17Page - Richtek Technology Corporation RT5744 Datasheet HTML 18Page - Richtek Technology Corporation RT5744 Datasheet HTML 19Page - Richtek Technology Corporation RT5744 Datasheet HTML 20Page - Richtek Technology Corporation RT5744 Datasheet HTML 21Page - Richtek Technology Corporation RT5744 Datasheet HTML 22Page - Richtek Technology Corporation RT5744 Datasheet HTML 23Page - Richtek Technology Corporation RT5744 Datasheet HTML 24Page - Richtek Technology Corporation RT5744 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
RT5744/RT5746
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5744/DS5746-00
November
2023
www.richtek.com
21
I2C Interface
The all series of RT5744 and RT5746 are able to support fast mode I2C interface (bit rate 400kb/s), and different
parts have their own slave address. For example, the default I2C slave address of the RT5744A is 7'b1010010. The
write or read bit stream (N
≥ 1) is shown below:
S
0
1
A
P
LSB
MSB
A
Assume Address = m
Data for Address = m
Data for Address = m + N - 1
A
Data for Address = m + 1
S
0
P
Assume Address = m
Data for Address = m
Data for Address = m + N - 1
Data for Address = m + 1
Sr
Slave Address
Register Address
Slave Address
Data 1
R/W
R/W
Data N
LSB
MSB
A
A
A
A
A
A
A
A
Read N bytes from RT5744
LSB
MSB
Data 2
Data N
LSB
MSB
LSB
Slave Address
Register Address
Data 1
Data 2
MSB
MSB
LSB
Write N bytes to R5744
Driven by Master,
Driven by Slave (RT5744),
Start,
Repeat Start
Stop,
S
Sr
P
SDA
SCL
tF
tLOW
tHD,STA
tHD,DAT
tHIGH
tSU,DAT
tSU,STA
tHD,STA
tSP
tBUF
tSU,STO
P
S
tR
Sr
S
tF
tR
Figure 4. I2C Read and Write Stream and Timing Diagram
The RT5744 and RT5746 also support High-speed mode (bit rate up to 3.4Mb/s) with access code 08H. Figure 5
and Figure 6 show detailed transfer format. Hs-mode can only commence after the following conditions (all of which
are in F/S-mode):
⚫
START condition (S)
⚫
8-bit master code (00001xxx)
⚫
Not-acknowledge bit ( A )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com