Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710651 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # AMIS-710651
Description  Color CIS Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710651 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  AMIS-710651 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AMIS-710651-A4: Color CIS Module
Data Sheet
5.0 Physical Overview
Table 2 describes a physical overview.
Table 2: Physical Overview
Parameter
Specification
Note
Image sensors
A<OS-720058
See image sensor data sheet
Module outside dimension
≅12.3mm x 18.9mm x 232mm
Figure 6
Circuit power supply
Typical 3.3V @ 70mA
Data output
One analog output
6.0 Recommended Operating Conditions
All tests were conducted at the typical pixel rate of 3.0MHz
Table 3: Recommended Operating Conditions (25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Power supply
VDD
3.3
V
IDD
70
100
mA
Video output level
VP
(1)
0.15
0.2
V
Reference voltage input
VREF
(2)
1.2
V
Input voltage for digital high (input clocks, SP
and CP)
VIH
3.2
VDD
VDD +0.3
V
Input voltage for digital low (input clocks SS
and CP)
VIL
0
0.8
V
Clock frequency
FREQ
(3)
0.50
3.0
4.0
MHz
Pixel frequency
PRATE
(3)
0.50
3.0
4.0
MHz
Clock pulse high duty cycle
DUTY
(4)
50
%
Clock pulse high duration
TPW
200
ns
Integration time
TINT
(5)
~1300
10000
µs
Operating temperature
TOP
(6)
25
50
°C
Notes:
(1)
VP represents the average value Vp(n) for all n in line scans, where n is the sequential number of a pixel. This signal pixel level should be operated at less than
saturation levels, i.e., <1.3V.
(2)
VREF is used to adjust the video output bias. Under normal operation it is left unconnected.
(3)
FREQ is the input clock (CP) frequency and the pixel rate (PRATE). The minimum rate for FREQ and PRATE should be consistent with the maximum TINT, see
Note (5).
(4)
DUTY is the ratio of the clock’s pulse width to its pulse period.
(5)
TINT is the time interval between two start pulses (SP). Hence, if SP is generated from a clock count down circuit, it will be directly proportional to the clock
frequency. There must be a minimum of (56+1204) clock cycles between the two SPs. The longest integration time is determined by the degree of leakage current
degradation that can be tolerated by the system. A 10ms maximum is a typical rule-of-thumb. An experienced CIS user can use his discretion to determine the
desired leakage tolerance level for the given system.
(6)
TOP is a conservative engineering estimate. It is based on measurements of similar CIS modules. In production, they are measured under standard QA practices,
that is, under the control of ISO 9000 standards.
2
AMI Semiconductor – Aug. 06, M-20609-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com