Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710651 Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # AMIS-710651
Description  Color CIS Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710651 Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

  AMIS-710651 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AMIS-710651-A4: Color CIS Module
Data Sheet
11.0 I/O Connector Pin Configuration
The connector is for a 12-pin flex-strip-line cable, PDK97-1201. The connector location is shown in Figure 6, an ISO drawing of the
AMIS-710651-A4 module. It also shows the location of Pin 1.
Use caution when connecting the power to the LED!
Note that all the negative sides of the LED sources are connected to the cathodes. These I/O sources are current inputs.
Constant current sources are used to control the balance of the color in the RGB outputs. Their typical voltage drops are between 2.3 to
2.7V. Under no circumstances should the applied current be greater than 30mA, otherwise the LED source will be damaged.
Table 8: Connector Pin Outs
Pin Number
Pin Names
Symbol
I/0
Names and Functions
1
Analog signal output
VOUT
O
Analog signal output
2
Ground
GND
I
Ground; 0V
3
Power supply
VDD
I
Positive 3.3V
4
DPI-control
SR
I
Selects resolution control
5
Reference voltage
VREF
I
For externally or internally controlling the dark
bias level
6
Start pulse
SP
I
Shift register start pulse
7
Ground
GND
I
Ground; 0V
8
Clock
CP (CLK on the schematic)
I
Clock input for the module
9
Common
VLED (common anode on the schematic)
I
Common anodes for all LED, plus 5.0V terminal
10
LED green
GLED
I
Cathode green LED input
11
LED red
RLED
I
Cathode red LED input
12
LED blue
BLED
I
Cathode blue LED input
7
AMI Semiconductor – Aug. 06, M-20609-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com