Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710651 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-710651
Description  Color CIS Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710651 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-710651 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AMIS-710651-A4: Color CIS Module
Data Sheet
7.0 Electro-Optical Characteristics (25
°C)
All tests were conducted at the typical pixel rate of 3.0MHz
Table 4: Electro-Optical Characteristics (25°C)
Parameter
Symbol
Typ.
Units
Note
Number of active photo detectors
5160
2580
Elements
600dpi
300dpi
Pixel-to-pixel spacing
42.3
84.6
µm
600dpi
300dpi
Line scan rate
TINT
(1)
~1.75
ms/line
@ 3.0MHz clock frequency
Clock frequency
FREQ
(2)
3.0
MHz
Pixel rate
PRATE
(2)
3.0
MHz
Bright output voltage
Vpavg
(3)
0.2
V
Bright output non-uniformity
+/- Up
(4)
< /-30
%
Bright output total non-uniformity
Uptotal
(5)
<60
%
Adjacent pixel non-uniformity
Uadj
(6)
<25
%
Dark non-uniformity
Ud
(7)
<150
mV
Dark output voltage range
VDL
(8)
1.2<VDL<1.5
V
Random noise
RNL
(9)
<24
<4
p-p mV
rms mV
Modulation transfer function
MTF
(10)
40
%
Notes:
(1)
Scan rate (integration time), TINT, is determined by the time interval between two SPs. See Table 3, Note 5.
(2)
Clock frequency, FREQ, is the input clock frequency and its corresponding PRATE is the pixel sample rate.
(3)
Bright output voltage Vpmax = maximum pixel value of Vp(n), Vpmin = minimum pixel value of Vp(n), Vpavg =
∑ Vp(n)/5160; where Vp(n) is the nth pixel in a line
scan with the module scanning a uniform white target and Vp values are measured with a uniform exposure.
(4)
Bright output non-uniformity Up(+) = [(Vpmax - Vpavg) / Vpavg] x 100%, Up(-)= [(Vpavg - Vpmin) / Vpavg] x 100%, whichever polarity with the highest absolute
value is selected.
(5)
Bright output total non-uniformity: Uptotal = [Vpmax -Vpmin]/Vpavg x 100%
(6)
Adjacent pixel non-uniformity: Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n))] x 100%
Upadj is the non-uniformity in percentage. It is the maximum difference amplitude between two neighboring pixels.
(7)
Dark non-uniformity: Ud = Vdmax – Vdmin
Vdmax is the max. pixel value of the video pixel in the dark. Vdmin is the min. pixel value of the video pixel in the dark. The references for these levels are the dark
level (VDL).
(8)
Dark output voltage range (VDL) is the level between the output dark level and ground.
(9)
Random noise (RNL): The rms value was calculated from measured p-p thermal noise taken at output from a selected pixel. The rms is defined as one standard
deviation of at least 64 pixels sampled. The calculation of the standard deviation is based on an idealized Gaussian probability curve.
(10) Modulation transfer function is defined as MTF = [(Vmax - Vmin) / (Vmax + Vmin)] x 100%. MTF is a measure at the glass surface. Vmax is the maximum output
voltage at 300lp/inch (at 1/2 of the optical Nyquest frequency) and Vmin is the minimum output voltage at 300lp/inch.
8.0 Electrical Clocking Characteristics
Table 5: Clock Amplitude Duty Characteristics (25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Units
VIH
(1)
Clock input voltage
VIL
(1)
See Table 3
Clock frequency
FREQ
(2)
Note 3
3.0
4.0
MHz
Pixel rate
PRATE
(2)
~1.30
3.0
4.0
MHz
Line read time
TINT
(4)
45
~10
ms
Clock pulse duty cycle
Ratio = twp / tp
(5)
%
Notes:
(1)
The clocks, CP and SP are compatible with CMOS clock drivers.
(2)
FREQ is the clock frequency and PRATE is the pixel sample rate.
(3)
Minimum values are not specified because it will be determined by the maximum TINT value. See Note 4.
(4)
TINT is the line scan read time, which depends on the interval between the SP entries. The minimum time is determined by (1/clock frequency) x (5160 +
150) pixels. Note that there are a few extra pixels used to determine the typical line time of 820µsec @ 3.0MHz PRATE (see Figure 1). There are 55 clocks
required to transfer and reset the photo-sites before the video can be scanned out. The longest integration time is determined by the degree of leakage
current degradation that can be tolerated by the system. A 10ms maximum is a typical rule-of-thumb. An experienced CIS user can use his discretion and
determine the desired tolerance level for the given system.
(5)
The definition for the symbols used in the ratio is defined in
Figure 1. A duty cycle of exactly 50 percent is recommended to maintain equal pixel duration
between odd and even pixels.
3
AMI Semiconductor – Aug. 06, M-20609-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com