Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710651 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-710651
Description  Color CIS Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710651 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-710651 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AMIS-710651-A4: Color CIS Module
Data Sheet
GBST
CLK
GBSTft
GBSTrt
Tset
Thold
CLKpw
CLKpw
CLKrt
50%
CLKp
CLKft
VOUT
SI/SO
SI/SOrt
Prt
90%
SI/SOft
50%
50%
Figure 3: Rise and Fall Times for both the 600/300dpi Modes
1
3
2
3
2
Thold
Thold
Tset
Tset
CLK
GBST
Video Signal (Vout)
82
83
84
85
82
83
84
85
1
Figure 4: Timing of GBST-to-First Pixel of the First Sensor for both the 600/300dpi Modes
5
AMI Semiconductor – Aug. 06, M-20609-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com