Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710651 Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # AMIS-710651
Description  Color CIS Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710651 Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

  AMIS-710651 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710651 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AMIS-710651-A4: Color CIS Module
Data Sheet
CLK
1 Pixel
50%
VOUT
90%
50%
Prt
TS
Figure 5: Pixel Timing
Table 6: Clock Timing Characteristics for Timing Diagrams
Parameter
Symbol
Min.
Typ.
Max.
Units
Clock cycle time
CLKp
250
250
2000
ns
Clock pulse width
CLKpw
125
ns
Clock duty cycle
50
%
Prohibit crossing time SP
tprh
30
ns
Data setup time
Tset
20
ns
Data hold time
Thold
25
ns
Signal delay time
tdl
50
ns
Signal settling time
tst
130
ns
Signal fall time
tsigf
60
ns
Notes:
(1)
All of the symbol definitions used in Table 6 are shown in the figures in Section 9.0. The clocks, CP and SP are compatible with CMOS clock drivers.
(2)
Maximum clock cycle time, as with minimum FREQ, must be consistent with maximum TINT. See Table 3, Note 3.
10.0 Maximum Ratings
Table 7: Maximum Ratings (Not to be Used for Continuous Operation)
Parameter
Symbol
Specification
Note
Power supply voltage
VDD
3.3V
Input voltage
VIN
VDD
SP & CP
Ambient temperature
TA (PCB surface)
0 to 50
°C
-10 to +75
°C
Operational storage
Ambient humidity
HA
0 to 80%
Non-condensing
Maximum operating case temperature
PCB temperature
70
°C
6
AMI Semiconductor – Aug. 06, M-20609-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com