Electronic Components Datasheet Search
  English  ▼

X  

PSG Datasheet(PDF) 7 Page - Eaton All Rights Reserved.

Part # PSG
Description  General-Purpose and Sensor Power Supplies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PSG Datasheet(HTML) 7 Page - Eaton All Rights Reserved.

Back Button PSG Datasheet HTML 3Page - Eaton All Rights Reserved. PSG Datasheet HTML 4Page - Eaton All Rights Reserved. PSG Datasheet HTML 5Page - Eaton All Rights Reserved. PSG Datasheet HTML 6Page - Eaton All Rights Reserved. PSG Datasheet HTML 7Page - Eaton All Rights Reserved. PSG Datasheet HTML 8Page - Eaton All Rights Reserved. PSG Datasheet HTML 9Page - Eaton All Rights Reserved. PSG Datasheet HTML 10Page - Eaton All Rights Reserved. PSG Datasheet HTML 11Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Volume 7—Logic Control, Operator Interface and Connectivity Solutions CA08100008E—January 2014 www.eaton.com
V7-T6-9
Proof #3 — Zoltun Design — 1/16/14
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6.1
Power Supplies
General-Purpose and Sensor Power Supplies
PSG Series, continued
Note
1 Ratings for single-phase models are at 115 Vac; three-phase models are at 400 Vac.
Three-Phase
PSG60F24RM
PSG120F24RM
PSG240F24RM
PSG480F24RM
PSG960F24RM
Input
Nominal voltage
3 x 400–500 Vac
3 x 400–500 Vac
3 x 400–500 Vac
3 x 400–500 Vac
3 x 400–500 Vac
AC input range
3 x 320–600 Vac
3 x 320–600 Vac
3 x 320–600 Vac
3 x 320–600 Vac
3 x 320–600 Vac
DC input range
450–800 Vdc
450–800 Vdc
450–800 Vdc
450–800 Vdc
450–800 Vdc
Frequency
47–63 Hz
47–63 Hz
47–63 Hz
47–63 Hz
47–63 Hz
Nominal current 1
<0.3A
<0.5A
<0.75A
<1A
<1.7A
Inrush current limitation 1
<30A
<30A
<40A
<50A
<40A
Internal fuse
T 3.15AH / 500V, 600V
T 3.15AH / 500V, 600V
T 3.15AH / 500V, 600V
T 3.15AH / 500V
T 4 AH / 500V
External fusing
3 x circuit breakers
6A, 10A or 16A
3 x circuit breakers
6A, 10A or 16A
3 x circuit breakers
6A, 10A or 16A
3 x circuit breakers
6A, 10A or 16A
3 x circuit breakers
10A or 16A
Leakage current
<3.5 mA
<3.5 mA
<3.5 mA
<3.5 mA
<3.5 mA
Output
Power
60W
120W
240W
480W
960W
Nominal output voltage
24 Vdc ±2%
24 Vdc ±2%
24 Vdc ±2%
24 Vdc ±2%
24 Vdc ±2%
Adjustment range
24–28 Vdc
24–28 Vdc
24–28 Vdc
24–28 Vdc
24–28 Vdc
Nominal current
2.5A
5A
10A
20A
40A
Startup with capacitive loads
Max. 10,000 µF
Max. 10,000 µF
Max. 10,000 µF
Max. 10,000 µF
Max. 10,000 µF
Efficiency
>86% at 3 x 400 Vac
and 3 x 500 Vac
>88% at 3 x 400 Vac
and 3 x 500 Vac
>92% at 3 x 400 Vac
and 3 x 500 Vac
>91% at 3 x 400 Vac
and 3 x 500 Vac
>92% at 3 x 400 Vac
and 3 x 500 Vac
Current surge
3.75A
7.5A
15A
30A
60A
Current surge time
5s
5s
5s
5s
5s
Residual ripple/peak switching
(20 MHz)
<50m Vpp
<50m Vpp
<150m Vpp
<150m Vpp
<240m Vpp
Turn-on time
<1s
<1s
<1s
<1s
<1.5s
Mains buffering at nominal
load (typ.) 1
>20 ms
>20 ms
>20 ms
>20 ms
>20 ms
Parallel operation
PSG480R24RM /
PSG960R24RM /
With o-ring diode
PSG480R24RM /
PSG960R24RM /
With o-ring diode
PSG480R24RM /
PSG960R24RM /
With o-ring diode
PSG480R24RM /
PSG960R24RM /
With o-ring diode
PSG960R24RM /
With o-ring diode
Galvanic Isolation
Input/output
4k Vac
4k Vac
4k Vac
4k Vac
4k Vac
Input/ground
1.5k Vac
1.5k Vac
1.5k Vac
1.5k Vac
1.5k Vac
Output/ground
1.5k Vac
1.5k Vac
1.5k Vac
1.5k Vac
1.5k Vac
General/Physical Data
Housing material
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Signals
Green LED for DC OK
Green LED for DC OK
Green LED for DC OK
Green LED for DC OK
Green LED for DC OK
MTBF
>500,000 hr
>500,000 hr
>300,000 hr
>500,000 hr
>300,000 hr
Dimensions (L)
121 mm
121 mm
121 mm
121 mm
121 mm
Dimensions (W)
50 mm
50 mm
70 mm
140 mm
255 mm
Dimensions (H)
117.3 mm
117.3 mm
117.3 mm
117.3 mm
117.3 mm
Weight (kg)
0.66
0.66
0.89
1.35
2.6
Terminals
Finger-safe, fixed
Finger-safe, fixed
Finger-safe, fixed
Finger-safe, fixed
Finger-safe, fixed
Wire size
AWG 18–12
AWG 18–12
AWG 18–12 (input)
AWG 16–12 (output)
AWG 18–8 (input)
AWG 12–10 (output)
AWG 18–8 (input)
AWG 12–10 (output)
Operating temperature
–25°C to +75°C
–25°C to +75°C
–25°C to +75°C
–25°C to +80°C
–25°C to +65°C
Storage temperature
–25°C to +85°C
–25°C to +85°C
–25°C to +85°C
–25°C to +85°C
–25°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com