Electronic Components Datasheet Search
  English  ▼

X  

PSG Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # PSG
Description  General-Purpose and Sensor Power Supplies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PSG Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  PSG Datasheet HTML 1Page - Eaton All Rights Reserved. PSG Datasheet HTML 2Page - Eaton All Rights Reserved. PSG Datasheet HTML 3Page - Eaton All Rights Reserved. PSG Datasheet HTML 4Page - Eaton All Rights Reserved. PSG Datasheet HTML 5Page - Eaton All Rights Reserved. PSG Datasheet HTML 6Page - Eaton All Rights Reserved. PSG Datasheet HTML 7Page - Eaton All Rights Reserved. PSG Datasheet HTML 8Page - Eaton All Rights Reserved. PSG Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Volume 7—Logic Control, Operator Interface and Connectivity Solutions CA08100008E—January 2014 www.eaton.com
V7-T6-3
Proof #3 — Zoltun Design — 1/16/14
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6.1
Power Supplies
General-Purpose and Sensor Power Supplies
PSG Series
Contents
Description
Page
PSG Series
Catalog Number Selection . . . . . . . . . . . . . . . .
V7-T6-4
Technical Data and Specifications . . . . . . . . . .
V7-T6-5
Power Derating Curves . . . . . . . . . . . . . . . . . .
V7-T6-13
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T6-16
ELC Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T6-22
EZ Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T6-25
Sensor Power Supply . . . . . . . . . . . . . . . . . . . . . .
V7-T6-28
PSG Series
Product Description
Eaton’s PSG Series of power
supplies is designed to be
a high-performance, high-
quality line of products
covering a majority of 12 Vdc
and 24 Vdc control
applications. With global
certifications, a compact
size and an impressive
operating temperature range,
the PSG Series fits a wide
variety of applications at a
competitive price.
Our expansive 22 model
offering is able to provide
solutions for most
applications with PSG
outputs ranging from 12 Vdc
at 1.25A up to 24 Vdc at 40A,
plus redundancy and buffer
modules to ensure uptime.
Application Description
The PSG Series is a line of
general-purpose power
supplies for use in a wide
variety of industrial control
applications. Applications
include communication
networks, sensors, PLCs
and many other electrical
systems. Each model is
equipped with the options
of a rugged metal or plastic
housing, heavy-duty screw
or finger-safe terminals and
a variety of protection
features, making the PSG
one of the most versatile
industrial power supply lines
on the market.
Features, Benefits and
Functions
G
Universal input voltages:
100–240 Vac for single-
phase units, 400–500 Vac
for three-phase units
with available ranges up
to 600 Vac
G
General-purpose 12 Vdc
and 24 Vdc adjustable
output
G
150% power surge output
G
Wide operating temperature
range: –20°C to +80°C
G
MTBF up to 1,000,000
hours ensures uptime
and reliability
G
Protection from overvoltage,
overcurrent and over-
temperature conditions
G
Rugged aluminum and
plastic housings provide
the durability required to
stand up to harsh
environments
G
All-metal DIN rail mounting
hardware
G
Heavy-duty screw and
finger-safe terminals
G
LED indicating light for
DC OK simplifies
troubleshooting
G
Conformal coated
electronics
G
Hazardous Location Class I,
Division 2 rated models
G
NEC® Class II rated model
G
Redundancy modules keep
loads up and running in the
event of a device failure
G
Buffer module has the
stored power needed to
keep loads running through
a power failure
Standards and Certifications
G
cULus listed—UL 508 and
CSA 22.2 No. 107.1-01
G
CSA listed—CSA 22.2
No. 107.1-01
G
cCSAus—Class I, Div. 2
Group A, B, C, D, T4
G
IEC
G
EN
G
CE marked
G
RoHS compliant
Note: Some models may not
carry all certifications listed.


Similar Part No. - PSG

ManufacturerPart #DatasheetDescription
logo
ORION FANS
PSG ORIONFANS-PSG Datasheet
5Mb / 8P
AC & EC FANS
logo
Pro-Signal
PSG-BB-170W PROSIGNAL-PSG-BB-170W Datasheet
264Kb / 1P
Adhesive Backed White Breadboard
PSG-BB-170W-2BP PROSIGNAL-PSG-BB-170W-2BP Datasheet
265Kb / 1P
Adhesive Backed White Breadboard
PSG-BB-400 PROSIGNAL-PSG-BB-400 Datasheet
160Kb / 1P
Breadboard, White 400 Pin
V1.0 23/02/16
logo
List of Unclassifed Man...
PSG-JMP150FF ETC-PSG-JMP150FF Datasheet
187Kb / 1P
PSG Series Jumper Cables
V1.0 03/03/15
More results

Similar Description - PSG

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LS25 RSG-LS25 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS200 TDK-LS200 Datasheet
793Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
SWS300A-600 TDK-SWS300A-600 Datasheet
308Kb / 2P
Single Output General Purpose Power Supplies
SWS50 TDK-SWS50 Datasheet
487Kb / 2P
Single Output General Purpose Power Supplies
LS25-3.3 TDK-LS25-3.3 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
logo
Fairchild Semiconductor
KSH44H11TF FAIRCHILD-KSH44H11TF Datasheet
46Kb / 5P
General Purpose Power and Switching
logo
IC-Haus GmbH
IC-HO ICHAUS-IC-HO Datasheet
788Kb / 2P
GENERAL PURPOSE SENSOR INTERFACE
logo
TDK Electronics
LS20024 TDK-LS20024 Datasheet
271Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
SWS755 TDK-SWS755 Datasheet
110Kb / 2P
Single Output General Purpose Power Supplies
MRW TDK-MRW Datasheet
355Kb / 10P
Power Supplies AC Input Multi Output, General-Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com