Electronic Components Datasheet Search
  English  ▼

X  

PSG Datasheet(PDF) 8 Page - Eaton All Rights Reserved.

Part # PSG
Description  General-Purpose and Sensor Power Supplies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PSG Datasheet(HTML) 8 Page - Eaton All Rights Reserved.

Back Button PSG Datasheet HTML 4Page - Eaton All Rights Reserved. PSG Datasheet HTML 5Page - Eaton All Rights Reserved. PSG Datasheet HTML 6Page - Eaton All Rights Reserved. PSG Datasheet HTML 7Page - Eaton All Rights Reserved. PSG Datasheet HTML 8Page - Eaton All Rights Reserved. PSG Datasheet HTML 9Page - Eaton All Rights Reserved. PSG Datasheet HTML 10Page - Eaton All Rights Reserved. PSG Datasheet HTML 11Page - Eaton All Rights Reserved. PSG Datasheet HTML 12Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
V7-T6-10
Volume 7—Logic Control, Operator Interface and Connectivity Solutions CA08100008E—January 2014 www.eaton.com
Proof #3 — Zoltun Design — 1/16/14
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6.1
Power Supplies
General-Purpose and Sensor Power Supplies
PSG Series, continued
Three-Phase, continued
PSG60F24RM
PSG120F24RM
PSG240F24RM
PSG480F24RM
PSG960F24RM
General/Physical Data, continued
Power derating—
vertical mounting
>50°C derate power
by 2.5% / °C,
>70°C derate power
by 5% / °C
>50°C derate power
by 2.5% / °C,
>70°C derate power
by 5% / °C
>50°C derate power
by 2.5% / °C,
>70°C derate power
by 5% / °C
>50°C derate power
by 2.5% / °C,
>70°C derate power
by 5% / °C
>50°C derate power
by 2.5% / °C
Power derating—
horizontal mounting
>45°C derate power
by 2.5% / °C,
>55°C derate power
by 1.66% / °C,
>70°C derate power
by 5% / °C
>40°C derate power
by 2.5% / °C,
>60°C derate power
by 5% / °C
>40°C derate power
by 2.5% / °C,
>60°C derate power
by 5% / °C
N/A
N/A
Operating humidity
<95% RH, noncondensing
<95% RH, noncondensing
<95% RH, noncondensing
5 to 95% RH, noncondensing
5 to 95% RH, noncondensing
Vibration
10 to 500 Hz, 0.35 mm acc. 30 m/s2, single amplitude (3G max.) for 60 min. in each X, Y and Z directions, in accordance with IEC 60068-2-6
Pollution degree
2
2
2
2
2
Climatic class
3K3 according to EN 60721
3K3 according to EN 60721
3K3 according to EN 60721
3K3 according to EN 60721
3K3 according to EN 60721
Safety and Protection
Transient surge voltage
Varistor
Varistor
Varistor
Varistor
Varistor
Surge voltage protection against
internal surge
Yes
Yes
Yes
Yes
Yes
Safety class
Class I with ground connection Class I with ground connection Class I with ground connection Class I with ground connection Class I with ground connection
Shock
30G (300 m/s2) in all directions
according to IEC60068-2-27
30G (300 m/s2) in all directions
according to IEC60068-2-27
30G (300 m/s2) in all directions
according to IEC60068-2-27
30G (300 m/s2) in all directions
according to IEC60068-2-27
30G (300 m/s2) in all directions
according to IEC60068-2-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com