Electronic Components Datasheet Search
  English  ▼

X  

PSG Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # PSG
Description  General-Purpose and Sensor Power Supplies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PSG Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  PSG Datasheet HTML 1Page - Eaton All Rights Reserved. PSG Datasheet HTML 2Page - Eaton All Rights Reserved. PSG Datasheet HTML 3Page - Eaton All Rights Reserved. PSG Datasheet HTML 4Page - Eaton All Rights Reserved. PSG Datasheet HTML 5Page - Eaton All Rights Reserved. PSG Datasheet HTML 6Page - Eaton All Rights Reserved. PSG Datasheet HTML 7Page - Eaton All Rights Reserved. PSG Datasheet HTML 8Page - Eaton All Rights Reserved. PSG Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Volume 7—Logic Control, Operator Interface and Connectivity Solutions CA08100008E—January 2014 www.eaton.com
V7-T6-5
Proof #3 — Zoltun Design — 1/16/14
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6.1
Power Supplies
General-Purpose and Sensor Power Supplies
Technical Data and Specifications
PSG Series
Note
1 Ratings for single-phase models are at 115 Vac; three-phase models are at 400 Vac.
Single-Phase
PSG15E12SP
PSG30E12SP
PSG60E12SM
PSG100E12SM
PSG60E
PSG60E24SP
PSG60E24RM
Input
Nominal voltage
100–240 Vac
100–240 Vac
100–240 Vac
100–240 Vac
100–240 Vac
100–240 Vac
100–240 Vac
AC input range
85–264 Vac
85–264 Vac
85–264 Vac
85–264 Vac
85–264 Vac
85–264 Vac
85–264 Vac
DC input range
120–375 Vdc
120–375 Vdc
120–375 Vdc
120–375 Vdc
120–375 Vdc
120–375 Vdc
120–375 Vdc
Frequency
47–63 Hz
47–63 Hz
47–63 Hz
47–63 Hz
47–63 Hz
47–63 Hz
47–63 Hz
Nominal current 1
<0.37A
<0.7A
<1.35A
<2.5A
1.1A
<1.10A
<1.4A
Inrush current limitation 1
<30A
<30A
<50A
<100A
30A
<40A
<20A
Internal fuse
T3.15AH / 250V
T3.15AH / 250V
T3.15AH / 250V
T3.15AH / 250V
T3.15AH / 250V
T3.15AH / 250V
T3.15AH / 250V
External fusing
4A or 6A
4A or 6A
6A, 10A or 16A
6A, 10A or 16A
6A, 10A or 16A
6A, 10A or 16A
6A, 10A or 16A
Leakage current
<1 mA
<1 mA
<1 mA
<1 mA
<1 mA
<1 mA
<1 mA
Output
Power
15W
30W
60W
100W
60W
60W
60W
Nominal output voltage
12 Vdc ±2%
12 Vdc ±2%
12 Vdc ±2%
12 Vdc ±2%
24 Vdc ±2%
24 Vdc ±2%
24 Vdc ±2%
Adjustment range
11–14 Vdc
11–14 Vdc
11–14 Vdc
11–14 Vdc
22–28 Vdc
22–28 Vdc
24–28 Vdc
Nominal current
1.25A
2.5A
5A
8.33A
2.5A
2.5A
2.5A
Startup with capacitive loads
Max. 5000 µF
Max. 6600 µF
Max. 8000 µF
Max. 10,000 µF
Max. 8000 µF
Max. 8000 µF
Max. 8000 µF
Efficiency
>84% at 115 Vac,
>83% at 230 Vac
>85% at 115 Vac
and 230 Vac
>85% at 115 Vac
and 230 Vac
>85.5% at 115 Vac,
>87.5% at 230 Vac
>85% typ
>86% at 115 Vac,
>87% at 230 Vac
>90% at 115 Vac
and 230 Vac
Current surge
1.875A
3.75A
7.5A
12.495A
3.75A
3.75A
3.75A
Current surge time
3s
3s
3s
3s
1s (at 10s intervals)
3s
5s
Residual ripple/peak switching
(20 MHz)
<100m Vpp
<100m Vpp
<100m Vpp
<100m Vpp
<50m V /
<240m Vpp
<50m V /
<240m Vpp
<50m Vpp /
<150m Vpp
Turn-on time
<2.5s
<2.5s
<2.5s
<0.6s
<2.5s
<3s
<2s
Mains buffering at nominal
load (typ.) 1
>22 ms
>22 ms
>22 ms
>22 ms
>20 ms
>20 ms
>20 ms
Parallel operation
With o-ring diode
With o-ring diode
With o-ring diode
With o-ring diode
PSG480R24RM /
PSG960R24RM /
With o-ring diode
PSG480R24RM /
PSG960R24RM /
With o-ring diode
PSG480R24RM /
PSG960R24RM /
With o-ring diode
Galvanic Isolation
Input/output
4k Vac
4k Vac
4k Vac
4k Vac
4k Vac (type test) /
3k Vac (routine test)
4k Vac
4k Vac
Input/ground
1.5k Vac
1.5k Vac
1.5k Vac
1.5k Vac
1.5k Vac (type test) /
1.5k Vac (routine test)
1.5k Vac
1.5k Vac
Output/ground
1.5k Vac
1.5k Vac
1.5k Vac
1.5k Vac
1.5k Vac (type test) /
500 Vac (routine test)
1.5k Vac
1.5k Vac
General/Physical Data
Housing material
Plastic
Plastic
Aluminum
Aluminum
Aluminum
Plastic
Aluminum
Signals
Green LED for DC OK Green LED for DC OK Green LED for DC OK Green LED for DC OK Green LED for DC OK Green LED for DC OK Green LED for DC OK
MTBF
>1,000,000 hr
>1,000,000 hr
>800,000 hr
>800,000 hr
>800,000 hr
>800,000 hr
>1,000,000 hr
Dimensions (L)
100 mm
100 mm
121 mm
121 mm
121 mm
120.6 mm
121 mm
Dimensions (W)
32 mm
32 mm
32 mm
50 mm
32 mm
32 mm
32 mm
Dimensions (H)
100.6 mm
100.6 mm
120 mm
118.7 mm
120 mm
113 mm
125 mm
Weight (kg)
0.18
0.2
0.33
0.64
0.37
0.33
0.37
Terminals
Screw
Screw
Screw
Screw
Screw
Screw
Finger-safe,
removable
Wire size
AWG 22–14
AWG 22–14
AWG 22–14
AWG 18–24
AWG 22–14
AWG 22–14
AWG 22–12
Operating temperature
–20°C to +75°C
–20°C to +75°C
–20°C to +75°C
–20°C to +75°C
–20°C to +75°C
–20°C to +75°C
–20°C to +80°C
Storage temperature
–25°C to +85°C
–25°C to +85°C
–25°C to +85°C
–25°C to +85°C
–25°C to +85°C
–25°C to +85°C
–25°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com