Electronic Components Datasheet Search
  English  ▼

X  

PSG Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # PSG
Description  General-Purpose and Sensor Power Supplies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PSG Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  PSG Datasheet HTML 1Page - Eaton All Rights Reserved. PSG Datasheet HTML 2Page - Eaton All Rights Reserved. PSG Datasheet HTML 3Page - Eaton All Rights Reserved. PSG Datasheet HTML 4Page - Eaton All Rights Reserved. PSG Datasheet HTML 5Page - Eaton All Rights Reserved. PSG Datasheet HTML 6Page - Eaton All Rights Reserved. PSG Datasheet HTML 7Page - Eaton All Rights Reserved. PSG Datasheet HTML 8Page - Eaton All Rights Reserved. PSG Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Volume 7—Logic Control, Operator Interface and Connectivity Solutions CA08100008E—January 2014 www.eaton.com
V7-T6-7
Proof #3 — Zoltun Design — 1/16/14
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6.1
Power Supplies
General-Purpose and Sensor Power Supplies
PSG Series, continued
Note
1 Ratings for single-phase models are at 115 Vac; three-phase models are at 400 Vac.
Single-Phase, continued
PSG60N24RP
PSG120E
PSG120E24RM
PSG240E
PSG240E24RM
PSG480E
PSG480E24RM
Input
Nominal voltage
100–240 Vac
100–240 Vac
100–240 Vac
100–240 Vac
100–240 Vac
100–240 Vac
100–240 Vac
AC input range
85–264 Vac
85–264 Vac
85–264 Vac
85–264 Vac
85–264 Vac
85–264 Vac
85–264 Vac
DC input range
N/A
120–375 Vdc
120–375 Vdc
120–375 Vdc
120–375 Vdc
120–375 Vdc
120–375 Vdc
Frequency
47–63 Hz
47–63 Hz
47–63 Hz
47–63 Hz
47–63 Hz
47–63 Hz
47–63 Hz
Nominal current 1
<1.5A at 100 Vac
1.4A
<2.2A
2.9A
<2.5A
5.7A
<5A
Inrush current limitation 1
<40A
<80A
<35A
N/A
<35A
N/A
<35A
Internal fuse
T3.15AH / 250V
T3.15AH / 250V
T4AH / 250V
T6.3AH / 250V
T6.3AH / 250V
F10H / 250A
T8AH / 250V
External fusing
6A, 10A or 16A
6A, 10A or 16A
6A, 10A or 16A
10A or 16A
10A or 16A
10A or 16A
10A or 16A
Leakage current
<1 mA
<1 mA
<1 mA
<3.5 mA
<1 mA
<1 mA
<3 mA
Output
Power
60W
120W
120W
240W
240W
480W
480W
Nominal output voltage
24 Vdc ±2%
24 Vdc ±2%
24 Vdc ±2%
24 Vdc ±2%
24 Vdc ±2%
24 Vdc ±2%
24 Vdc ±2%
Adjustment range
22–28 Vdc
22–28 Vdc
24–28 Vdc
22–28 Vdc
24–28 Vdc
22–28 Vdc
22–28 Vdc
Nominal current
2.5A
5A
5A
10A
10A
20A
20A
Startup with capacitive loads
Max. 8000 µF
Max. 10,000 µF
Max. 10,000 µF
Max. 10,000 µF
Max. 10,000 µF
Max. 10,000 µF
Max. 10,000 µF
Efficiency
>86% at 115 Vac,
>87% at 230 Vac
>84% typ
>89% at 115 Vac,
>90% at 230 Vac
>84% typ
>90% at 115 Vac
and 230 Vac
>86% typ
>90% at 115 Vac
and 230 Vac
Current surge
N/A
7.5A
7.5A
15A
15A
30A
30A
Current surge time
N/A
1s (at 10s intervals)
5s
1s (at 10s intervals)
5s
1s (at 10s intervals)
5s
Residual ripple/peak switching
(20 MHz)
<50m Vpp /
<240m Vpp
<50m V /
<240m Vpp
<50m Vpp /
<150m Vpp
<50m V /
<240m Vpp
<50m Vpp /
<150m Vpp
<50m V /
<240m Vpp
<50m Vpp
Turn-on time
<3s
<1s
<1s
<1s
<1s
<1s
<1s
Mains buffering at nominal
load (typ.) 1
>20 ms
>35ms
>20 ms
>20 ms
>20 ms
>20 ms
>20 ms
Parallel operation
PSG480R24RM /
PSG960R24RM /
With o-ring diode
PSG480R24RM /
PSG960R24RM /
With o-ring diode
PSG480R24RM /
PSG960R24RM /
With o-ring diode
PSG480R24RM /
PSG960R24RM /
With o-ring diode
PSG480R24RM /
PSG960R24RM /
With o-ring diode
PSG480R24RM /
PSG960R24RM /
With o-ring diode
PSG480R24RM /
PSG960R24RM /
With o-ring diode
Galvanic Isolation
Input/output
4k Vac
4k Vac (type test) /
3k Vac (routine test)
4k Vac
4k Vac (type test) /
3k Vac (routine test)
4k Vac
4k Vac (type test) /
3k Vac (routine test)
4k Vac
Input/ground
1.5k Vac
1.5k Vac (type test) /
1.5k Vac (routine test)
1.5k Vac
1.5k Vac (type test) /
1.5k Vac (routine test)
1.5k Vac
1.5k Vac (type test) /
1.5k Vac (routine test)
1.5k Vac
Output/ground
1.5k Vac
1.5k Vac (type test) /
500 Vac (routine test)
1.5k Vac
1.5k Vac (type test) /
500 Vac (routine test)
1.5k Vac
1.5k Vac (type test) /
500 Vac (routine test)
1.5k Vac
General/Physical Data
Housing material
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Signals
Green LED for DC OK Green LED for DC OK Green LED for DC OK Green LED for DC OK Green LED for DC OK Green LED for DC OK Green LED for DC OK
MTBF
>800,000 hr
>800,000 hr
>800,000 hr
>300,000 hr
>500,000 hr
>300,000 hr
>500,000 hr
Dimensions (L)
120.6 mm
121 mm
121 mm
121 mm
121 mm
121 mm
121 mm
Dimensions (W)
32 mm
32 mm
50 mm
85 mm
85 mm
160 mm
144 mm
Dimensions (H)
119.3 mm
120 mm
123.1 mm
118.5 mm
124.1 mm
115 mm
118.6 mm
Weight (kg)
0.33
0.54
0.72
1.04
1.1
1.8
1.37
Terminals
Finger-safe, fixed
Screw
Finger-safe,
removable
Screw
Finger-safe,
removable
Screw
Finger-safe, fixed
Wire size
AWG 22–10
AWG 22–14
AWG 20–12
AWG 22–14
AWG 16–14
AWG 16–14 (input)
AWG 12–10 (output)
AWG 18–10
Operating temperature
–20°C to +80°C
–20°C to +75°C
–20°C to +80°C
–20°C to +75°C
–20°C to +80°C
–20°C to +75°C
–25°C to +75°C
Storage temperature
–25°C to +85°C
–25°C to +85°C
–25°C to +85°C
–25°C to +85°C
–25°C to +85°C
–25°C to +85°C
–25°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com