Electronic Components Datasheet Search
  English  ▼

X  

X2P528 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # X2P528
Description  0.15mm Structured ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

X2P528 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  X2P528 Datasheet HTML 1Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 2Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 3Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 4Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 5Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 6Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 7Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 8Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
0
10
20
30
40
50
0
100
200
300 MHz
3
AMI Semiconductor
- Preliminary
www.amis.com
XPressArray-II 0.15m
mm Structured ASIC
Data Sheet
Figure 1: Price vs. Volume (Amortized NRE)
1K
5K
10K
25K
50K
100K
250K
$500
$400
$300
$200
$100
$0
Cost Volume Tradeoffs
XPressArray-II
0.15
mm SC
XC2V1000
Figure 2: XPressArray Power Consumption
Frequency
0.15
mm Standard Cell
XPressArray-II
0.13
mm FPGA
1M Gates: 12.5% Switching
2M Bits:
100% Switching
Vcc =
1.5V
XPressArray-II provides a FPGA conversion platform
combining advanced process capability with all of the key
features of the Xilinx Virtex-II and Virtex-II Pro and Altera
APEX-II and Stratix devices. Support for a comprehensive
array of I/O standards, abundant configurable memory, high-
density logic and advanced high-performance clock
management, and frequency synthesis circuits round out the
offering. XPressArray-II devices can be fabricated as pin-for-
pin compatible FPGA drop-in replacements. Alternatively,
multiple FPGAs can be combined into one XPressArray-II
device, or die and package configurations can be optimized for
specific requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com