Electronic Components Datasheet Search
  English  ▼

X  

X2P528 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # X2P528
Description  0.15mm Structured ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

X2P528 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  X2P528 Datasheet HTML 1Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 2Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 3Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 4Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 5Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 6Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 7Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 8Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
AMI Semiconductor
- Preliminary
www.amis.com
XPressArray-II 0.15m
mm Structured ASIC
Data Sheet
I/O Standard
VCCO
VCCAUX
Output Termination
Input Termination
Performance
Notes
LVTTL
3.3V
DCI Series Out 25
W/50W
125MHz
2-24mA
LVCMOS33
3.3V
DCI Series Out 25
W/50W
125MHz
2-24mA
LVCMOS25
2.5V
DCI Series Out 25
W/50W
125MHz
2-24mA, 3.3V Tolerant
LVCMOS18
1.8V
DCI Series Out 25
W/50W
125MHz
2-16mA, 3.3V Tolerant
LVCMOS15
1.5V
DCI Series Out 25
W/50W
125MHz
2-16mA, 3.3V Tolerant
PCI33_3
3.3V
33MHz
PCI66
3.3V
66MHz
PCI-X 133
3.3V
133MHz
PCI-X 2.0 Mode 1
3.3V
133MHz
PCI-X 2.0 Mode 2
1.5V
3.3V
DCI Split Parallel in 114
W
266/533Mbps
GTL
N/A
DCI Parallel Out 50
W
100MHz
GTL+
N/A
DCI Parallel Out 50
W
200MHz
SSTL2 Class I
2.5V
DCI Parallel Out 25
W
DCI Split Parallel in 100
W
400Mbps
SSTL2 Class II
2.5V
DCI Parallel Out 25
W
DCI Split Parallel in 100
W
400Mbps
HSTL18 Class I
1.8V
DCI Split Parallel in 100
W
500Mbps
HSTL18 Class II
1.8V
DCI Split Parallel in 100
W
500Mbps
HSTL18 Class III
1.8V
DCI Parallel in 50
W
500Mbps
HSTL18 Class IV
1.8V
3.3V
DCI Parallel in 50
W
500Mbps
HSTL15 Class I
1.5V
DCI Split Parallel in 100
W
500Mbps
HSTL15 Class II
1.5V
DCI Split Parallel in 100
W
500Mbps
HSTL15 Class III
1.5V
DCI Parallel in 50
W
500Mbps
HSTL15 Class IV
1.5V
3.3V
DCI Parallel in 50
W
500Mbps
LVPECL (input)
3.3V
100
W Differential Input
1Gbps
LVDS33
3.3V
100
W Differential Input
1Gbps
LVDS25
2.5V
100
W Differential Input
1Gbps
Table 3: Supported I/O Standards
Figure 4: Dual Data Rate (DDR) I/O Architecture
DCI
Latch
OEN
OUT
PAD
VREF
DCI_CNTL
IN_DLY
VCC
GND
Bus
Hold
ESD
PullUp
PullDn
Register
Register
0
1
MUX
IN
Register
Register
Input DDR Block
Register
Register
0
1
MUX
OEN DDR Block
Output DDR Block
DCI
Latch
OEN
OUT
PAD
VREF
DCI_CNTL
IN_DLY
VCC
GND
Bus
Hold
ESD
PullUp
PullDn
Register
Register
0
1
MUX
IN
Register
Register
Input DDR Block
Register
Register
0
1
MUX
OEN DDR Block
Output DDR Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com