Electronic Components Datasheet Search
  English  ▼

X  

X2P528 Datasheet(PDF) 12 Page - AMI SEMICONDUCTOR

Part # X2P528
Description  0.15mm Structured ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

X2P528 Datasheet(HTML) 12 Page - AMI SEMICONDUCTOR

Back Button X2P528 Datasheet HTML 6Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 7Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 8Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 9Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 10Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 11Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 12Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 13Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 14Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
AMI Semiconductor
- Preliminary
www.amis.com
XPressArray-II 0.15m
mm Structured ASIC
Data Sheet
Table 9: DLL Specifications
Parameter
Value
Operating Modes
• Clock Tree
• Zero Delay Buffer
• External Feedback
• Quadrature Shift
• Basic Frequency Shift
Low/High Frequency Operation
Combined
Control Inputs
DCC (Duty Cycle Correction), TIMELOCK
Available Outputs
CLK90, CLK180, CLK270, CLK360,
CLKDV, CLK2X, LOCK, VALIDCLK
Frequency Range
25-300MHz
Clock Doubler Frequency Range
50-500MHz
Clock Divider Range
1.6-16 in 0.5 steps, 16-32 in 1.0 steps
Duty Cycle Correction Resolution
45-55%
Fine Quadrature Phase Shift Range
+/- 64 taps (@ Typical 1 Tap = 70ps)
Clock Tree Delay Compensation
Yes
Output Clock Jitter CLKO (Peak-to-Peak)
+/- 175ps
Output Clock Jitter CLK90, CLK180, CLK270 (Peak-to-Peak)
+/- 250ps
Output Clock Jitter CLK2X (Peak-to-Peak)
+/- 325ps
Output Clock Jitter CLKDV (Integer Division, Peak-to-Peak)
+/- 250ps
Output Clock Jitter CLKDV (Non-integer Division, Peak-to-Peak)
+/- 400ps
Output Clock Phase Offset (Between all Quadratures)
+/- 250ps
Lock Time
180us @ 20MHz
40us @ >60MHz
Table 10: PLL Specifications
Parameter
General Purpose Mode
LVDS Mode
Operating Modes
• Normal with Phase Shift
• LVDS
• Zero Delay Buffer
• External Feedback
• Clock Tree
Input Frequency Range
1.5-620MHz
1.5-620MHz
Input Duty Cycle
40-60%
40-60%
Input Jitter (Peak-to-Peak)
2% of input period
2% of input period
PFD Frequency Range
1-50MHz
1-50MHz
VCO Frequency Range
200-500MHz
200-1000MHz
Output Frequency Range
1-500MHz
1-800MHz
Output Duty Cycle
45-55%
45-55%
Output Period Jitter (Peak-to-Peak) 200ps
175ps
Reference Divider
1-2049
1-2049
Feedback Divider
1-2049
1-33
Post Dividers
1-2049
N/A
Phase Shift Resolution
1/[Fvco*5]
1/[Fvco*5]
Phase Shift Range
0-360°
0-360°
Available Outputs
FOUTA, FOUTB
FOUT90, FOUT180, FOUT270, FOUT360
Electrical specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com