Electronic Components Datasheet Search
  English  ▼

X  

X2P528 Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # X2P528
Description  0.15mm Structured ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

X2P528 Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

Back Button X2P528 Datasheet HTML 3Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 4Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 5Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 6Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 7Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 8Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 9Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 10Page - AMI SEMICONDUCTOR X2P528 Datasheet HTML 11Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
AMI Semiconductor
- Preliminary
www.amis.com
XPressArray-II 0.15m
mm Structured ASIC
Data Sheet
Table 4: Block RAM Configurations
Port A
Port B
Name
Depth
Data
Width
Parity
Width
Depth
Width
Parity
Width
ra16_1_1_c
16,384
1
N/A
16,384
1
N/A
ra16_1_2_c
16,384
1
N/A
8,192
2
N/A
ra16_1_4_c
16,384
1
N/A
4,096
4
N/A
ra16_1_9_c
16,384
1
N/A
2,048
8
1
ra16_1_18_c
16,384
1
N/A
1,024
16
2
ra16_1_36_c
16,384
1
N/A
512
32
4
ra16_2_2_c
8,192
2
N/A
8,192
2
N/A
ra16_2_4_c
8,192
2
N/A
4,096
4
N/A
ra16_2_9_c
8,192
2
N/A
2,048
8
1
ra16_2_18_c
8,192
2
N/A
1,024
16
2
ra16_2_36_c
8,192
2
N/A
512
32
4
ra16_4_4_c
4,096
4
N/A
4,096
4
N/A
ra16_4_9_c
4,096
4
N/A
2,048
8
1
ra16_4_18_c
4,096
4
N/A
1,024
16
2
ra16_4_36_c
4,096
4
N/A
512
32
4
ra16_9_9_c
2,048
8
1
2,048
8
1
ra16_9_18_c
2,048
8
1
1,024
16
2
ra16_9_36_c
2,048
8
1
512
32
4
ra16_18_18_c
1,024
16
2
2,048
8
2
ra16_18_36_c
1,024
16
2
1,024
16
4
ra16_36_36_c
512
32
4
512
32
4
Table 5: Predefined Distributed RAMs
Name
Depth
Width
xram16x1pc
16
1
xram16x2pc
16
2
xram16x4pc
16
4
xram16x8pc
16
8
xram16x10pc
16
10
xram16x16pc
16
16
xram16x18pc
16
18
xram16x32pc
16
32
xram32x1pc
32
1
xram32x2pc
32
2
xram32x4pc
32
4
xram32x8pc
32
8
xram32x10pc
32
10
xram32x16pc
32
16
xram32x18pc
32
18
xram32x32pc
32
32
XPressArray-II devices employ clock tree synthesis, enabling
an unlimited number of clock and reset signals to be routed.
Synthesized clock trees deliver high speed clock signals with
minimal skew and power.
The XPressArray-II DLL (Figure 6) is an all digital clock
management function embedded into the XPressArray-II
bases. DLLs may be used to minimize clock insertion delay,
perform basic clock frequency synthesis and generate phase
shifts. The DLL provides both coarse and fine-grained phase
shifting with dynamic phase shift control. The quadrature clock
generation features deliver accurate clock phases at the load,
compensating for clock tree delays across the full range of
temperature and voltage. In clock divider and clock doubling
applications, duty cycle correction is available. A robust real-
time lock detection circuit completes the DLL.
7.0 Delay-Locked Loop (DLL) Description
Figure 6: DLL
CLK360
FB360
CLK270
FB270
CLK180
FB180
CLK90
FB90
CLKDV
CLK2X
CLKREF
DLL
Delay Line
PD
Control
Clk Tree
Clk Tree
Clk Tree
Clk Tree



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com