Electronic Components Datasheet Search
  English  ▼

X  

X2P680 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # X2P680
Description  0.15mm Structured ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

X2P680 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  X2P680 Datasheet HTML 1Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 2Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 3Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 4Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 5Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 6Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 7Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 8Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
AMI Semiconductor
- Preliminary
www.amis.com
XPressArray-II 0.15m
mm Structured ASIC
Data Sheet
4.0 XPressArray-II Architecture
Figure 3 shows the XPressArray-II device architecture with
embedded block RAMs, DCI, DDR support, DLLs, PLLs, and
DCI
DCI
DCI
DCI
DLL
DLL
BRAM
BRAM
DLL
DLL
BRAM
BRAM
BRAM
PLL
Figure 3: XPressArray-II Architecture
5.0 I/O Description
The XPressArray-II I/O ring is composed of uniform I/O cell sites
and each site may be customized to support any I/O standard.
The I/O power ring is divided into eight segments, making it
compatible with the FPGA products and power supply rings built
into the packages.
I/O cells are available for a wide variety of standards as listed in
Table 3. I/O cells operate at 1.5V, 1.8V, 2.5V, and 3.3V. 3.3V
tolerant I/Os are also available. Differential signaling standards
typically require two pad sites. Signaling standards requiring a
reference voltage typically share a common reference voltage
within an I/O power ring segment, with the reference voltage
being supplied through an I/O site from an off-chip source.
Figure 4 shows the architecture of the I/O cell. Included are
programmable pull-up, pull-down resistors as well as a bus-hold
latch to limit noise on tri-stated signal busses. Dedicated dual-
data rate (DDR) flip-flops facilitate high-speed communications
with I/O operating at up to 1Gbps using LVDS transceivers in
conjunction with DLL/PLL clock management circuits.
Digital controlled impedance is available on many I/O standards
to eliminate off-chip termination resistors. Figure 5 illustrates the
termination schemes available on all XPressArray-II I/O cells.
Designers can use the DDR and DCI features of the
XPressArray-II I/O cell for DDR SDRAM memory and parallel
high-speed point-to-point interfaces.
support for a full compliment of I/O standards.
PLL
I/Os
I/Os
I/Os
I/Os
DDR
DDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com