Electronic Components Datasheet Search
  English  ▼

X  

X2P680 Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # X2P680
Description  0.15mm Structured ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

X2P680 Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

Back Button X2P680 Datasheet HTML 2Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 3Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 4Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 5Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 6Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 7Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 8Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 9Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 10Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
AMI Semiconductor
- Preliminary
www.amis.com
XPressArray-II 0.15m
mm Structured ASIC
Data Sheet
Figure 5: Digital Controlled Impedence Termination Modes
The XPressArray-II architecture supports abundant embedded
block RAM as well as distributed RAM constructed from the
structured ASIC logic fabric.
The XPressArray-II 18K embedded dual-port memory block
provides drop-in replacement features for FPGA memories.
Each memory is individually port configurable as 512x36,
1024x18, 2048x9, 4096x4, 8192x2, and 16384x1 as shown in
Table 4. This fully synchronous memory supports read before
write, write before read and write without read operational
modes.
XPressArray-II embedded RAM blocks may be
configured as single-port (1RW), 2-port (1R1W) or true dual-
port (2RW). Each RAM bit is initializable by a late metal mask
option.
The XPressArray-II logic fabric is specifically designed to
support distributed memories to replace FPGA memories
created from LUTs. Pre-designed distributed memories are
available in a range of sizes from 16x1 through 32x32 in 2-port
(1R1W) configurations as shown in Table 5. Additional sizes
and configurations, such as 2-read, 1-write (2R1W)
configurations can also be constructed. Fully synchronous
and synchronous-write, asynchronous read modes are
available. Like the block RAM, each bit is initializable by a late
metal mask option.
6.0 Memory Description
R=Z
0 or Z0/2
R=Z
0
R=Z
0
R=Z
0
R=2Z
0
R=2Z
0
VCC
VCC
VCC/2
VCC
R=Z
0 or Z0/2
Series
Termination
Parallel
Termination
Split
Parallel
R=2Z
0
External
Termination
Internal
Termination
R=Z
0 or Z0/2
R=Z
0
R=Z
0
R=Z
0
R=2Z
0
R=2Z
0
VCC
VCC
VCC/2
VCC
R=Z
0 or Z0/2
Series
Termination
Parallel
Termination
Split
Parallel
R=2Z
0
External
Termination
Internal
Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com