Electronic Components Datasheet Search
  English  ▼

X  

X2P680 Datasheet(PDF) 8 Page - AMI SEMICONDUCTOR

Part # X2P680
Description  0.15mm Structured ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

X2P680 Datasheet(HTML) 8 Page - AMI SEMICONDUCTOR

Back Button X2P680 Datasheet HTML 4Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 5Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 6Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 7Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 8Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 9Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 10Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 11Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 12Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PAD
A
8
AMI Semiconductor
- Preliminary
www.amis.com
XPressArray-II 0.15m
mm Structured ASIC
Data Sheet
8.0 Phased-Locked Loop (PLL) Description
PLLs are embedded into the XPressArray-II bases to perform
advanced clock frequency synthesis operations, minimize
clock insertion delay and generate phase taps. Each PLL can
be configured as a general purpose or LVDS PLL.
Figure 7 shows the general purpose PLL configuration. All
dividers have a range of 1 to 2049. In normal mode, as shown
in Figure 8, the PLL performs classical "M over N" frequency
synthesis application. When the output frequency is an integer
multiple or division of the input frequency precise phase control
allows fine adjustment of the phase relationship of the output
to the input. In this example, locations B and C are phase
controlled with respect to A. The phase relationship of A and D
is inferred.
Figure 7: General Purpose PLL
Figure 8: General Purpose PLL in Normal Mode
+N
Phase
Compare
Phase
Shift
+A
+B
+M
REFCLK
FOUTA
FOUTB
FBFCLK
General Purpose PLL
+N
Phase
Compare
Phase
Shift
+A
+B
+M
General Purpose PLL
DFF
B
PAD
LOCK
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com