Electronic Components Datasheet Search
  English  ▼

X  

X2P680 Datasheet(PDF) 11 Page - AMI SEMICONDUCTOR

Part # X2P680
Description  0.15mm Structured ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

X2P680 Datasheet(HTML) 11 Page - AMI SEMICONDUCTOR

Back Button X2P680 Datasheet HTML 6Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 7Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 8Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 9Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 10Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 11Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 12Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 13Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 14Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
AMI Semiconductor
- Preliminary
www.amis.com
XPressArray-II 0.15m
mm Structured ASIC
Data Sheet
11.0 Electrical Specifications
Table 6: Absolute Maximum Ratings
Symbol
Parameter
Min.
Max.
Units
VDD
Internal Supply Voltage*
-0.4
1.7
V
VCCO
I/O Supply Voltage
3.3V I/O
-0.4
3.7
V
2.5V I/O
-0.4
2.8
V
1.8V I/O
-0.4
2.0
V
1.5V I/O
-0.4
1.7
V
VCCAUX
I/O Auxiliary Supply Voltage
3.3V I/O
-0.4
3.7
V
2.5V I/O
-0.4
2.5
V
VIN, VOUT
DC Input, Output
-0.4
VCCO+0.4
V
TJ
Junction Temperature
-45
130
°C
Table 7: Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Units
VDD
Internal Supply Voltage*
1.425
1.575
V
VCCO
I/O Supply Voltage
3.3V I/O
3.135
3.465
V
2.5V I/O
2.375
2.625
V
1.8V I/O
1.710
1.890
V
1.5V I/O
1.425
1.575
V
VCCAUX
I/O Auxiliary Supply Voltage
3.3V I/O
3.135
3.465
V
2.5V I/O
2.375
2.625
V
VIN, VOUT
DC Input, Output
-0.3
VCCO+0.3
V
TJ
Junction Temperature
-40
125
°C
Table 8: DC Characteristics
Symbol
Parameter
Min.
Max.
Units
IDD
Quiescent VDD Supply Voltage
10
mA
IL
Input or Output Leadage Current
-10
10
mA
CIN
Input Pad Capacitance
4
pF
IRPU
Pad Pull-up Current
-10
-250
mA
IRPD
Pad Pull-down Current
10
250
mA
* 1.2V characterization available upon request.
* 1.2V characterization available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com