Electronic Components Datasheet Search
  English  ▼

X  

X2P680 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # X2P680
Description  0.15mm Structured ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

X2P680 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  X2P680 Datasheet HTML 1Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 2Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 3Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 4Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 5Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 6Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 7Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 8Page - AMI SEMICONDUCTOR X2P680 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
AMI Semiconductor
- Preliminary
www.amis.com
XPressArray-II 0.15m
mm Structured ASIC
Data Sheet
1.0 Key Features
• Next-generation 0.15
mm hybrid structured ASIC
• Platform for high-performance 1.5V/1.2V ASICs and FPGA-
to-ASIC conversions
• NRE and production cost savings
• Significant time-to-market advantages
• Drop-in replacement for cost-reducing Xilinx® Virtex-II and
Virtex-II Pro and Altera® APEX-II and Stratix designs
• 417K to 3.9M ASIC gates
• 210MHz system, 500MHz local clock speeds
• Low power consumption (0.055
mW/MHz/gate @ 1.575V)
• 332Kbits to 4.8Mbits of block RAM memory
• Up to 5.6Mbits of memory when 50
percent of the logic sites
are used for distributed memory
• 18Kbit initializable dual-port RAM blocks at speeds up to
330MHz
• Flexible I/O technology, any I/O standard assigned to any I/O
pin
• Initializable distributed memory at speeds up to 210MHz
• Configurable signal, core and I/O power supply pin locations
• Supports LVTTL, LVCMOS, PCI33, PCI66, PCI-X 133, PCI-X
2.0, GTL/+, HSTL class 1, 2, 3, and 4, SSTL2 class 1 and 2,
LVPECL (input), LVDS I/O standards
• 1.5V, 1.8V, 2.5V, and 3.3V capable I/O
• True 3.3V tolerance with no external resistor necessary
• Digital controlled impedance
• Built-in DDR support
• LVDS data rates to 1Gbps
• Up to 1346 user I/Os
• Comprehensive clock management circuitry
• Up to eight DLLs and eight PLLs
• Variety of package options
• Integrated high-fault coverage scan-test, memory BIST and
JTAG
2.0 Product Description
Targeted at medium-density, high-speed, 1.5V and 1.2V ASIC
applications and high-density FPGA-to-ASIC conversions, the
XPressArray™-II 0.15
mm hybrid structured ASIC is an
innovative next-generation technology platform that reduces
time-to-market for system-on-chip (SoC) applications while
delivering significant NRE and unit cost savings.
XPressArray-II offers a true drop-in replacement for Xilinx
Virtex-II, Virtex-II Pro, Altera APEX-II, and Stratix FPGAs,
making it the industry's lowest cost ASIC conversion solution.
The result is a simplified route to cost reductions for OEMs
looking to combine the flexibility of FPGA prototyping with a
path to an ASIC for final production.
Table 1 shows the seven bases of the AMIS XPressArray-II
family. These bases offer between 417K and 3.9M gates.
Configurable memory ranges from 332Kbits to 4.8Mbits, which
increases to 5.6Mbits of memory with the addition of
distributed configurable memory, assuming 50
percent of the
logic sites are used for memory. Individual memories may
be configured as single or dual port with asymmetrical port widths.
The architecture also supports memory initialization.
Flexible I/O technology includes support for a comprehensive
array of common standards and compatibility with 1.5V, 1.8V,
2.5V
, and 3.3V I/O schemes.
I/O power supply banking
supports the operating voltage requirements of multiple I/O
standards on the same device. Each XPressArray-II I/O may
be configured to support LVTTL, LVCMOS, PCI33, PCI66,
PCI-X 133, PCI-X 2.0, GTL/+, HSTL class 1, 2, 3
, and 4,
SSTL2 class 1 and 2, LVPECL input, and LVDS. I/Os support
digital controlled impedance (DCI) on-chip termination. Dual
data rate (DDR) support for high-speed memory interface is
built in.
Table 1: XPressArray-II 0.15
mm Hybrid Structured ASIC Family
No Distributed RAM
50% Distributed RAM
XPressArray-II Base
18K RAM Blocks
Bits(K)1
Gates(K)2
Bits(K)1
Gates(K)2
DLL
PLL
User I/Os
X2P376
18
332
417
415
209
2
4
376
X2P528
40
737
650
867
325
2
4
528
X2P680
57
1051
1203
1291
602
4
4
680
X2P846
101
1862
1629
2188
815
4
4
846
X2P998
145
2673
2196
3112
1098
4
4
998
X2P1148
189
3484
2902
4064
1451
8
8
1148
X2P1346
264
4866
3929
5652
1965
8
8
1346
(1) Usable 2RW RAM bits
(2) Usable 2-NAND equivalent logic gates


Similar Part No. - X2P680

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
X2P640 AMI-X2P640 Datasheet
157Kb / 2P
0.15關m Structured ASIC
More results

Similar Description - X2P680

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ISB35000 STMICROELECTRONICS-ISB35000 Datasheet
345Kb / 15P
HCMOS STRUCTURED ARRAY
May-1994
logo
ATMEL Corporation
ATL25 ATMEL-ATL25 Datasheet
232Kb / 14P
ASIC
logo
List of Unclassifed Man...
M1EN ETC1-M1EN Datasheet
44Kb / 6P
CMOS ASIC encoder
CX5000 ETC1-CX5000 Datasheet
92Kb / 6P
0.18um Structured ASIC
logo
AMI SEMICONDUCTOR
X2P360 AMI-X2P360 Datasheet
157Kb / 2P
0.15關m Structured ASIC
logo
ATMEL Corporation
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
Cell-based ASIC
logo
Pan Jit International I...
QR1006F-AU PANJIT-QR1006F-AU Datasheet
303Kb / 6P
PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT8A06 PANJIT-QRT8A06 Datasheet
775Kb / 8P
PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT10A06 PANJIT-QRT10A06 Datasheet
626Kb / 7P
PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT812 PANJIT-QRT812 Datasheet
688Kb / 7P
PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com