Electronic Components Datasheet Search
  English  ▼

X  

TDA2613 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA2613
Description  6 W hi-fi audio power amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2613 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA2613 Datasheet HTML 1Page - NXP Semiconductors TDA2613 Datasheet HTML 2Page - NXP Semiconductors TDA2613 Datasheet HTML 3Page - NXP Semiconductors TDA2613 Datasheet HTML 4Page - NXP Semiconductors TDA2613 Datasheet HTML 5Page - NXP Semiconductors TDA2613 Datasheet HTML 6Page - NXP Semiconductors TDA2613 Datasheet HTML 7Page - NXP Semiconductors TDA2613 Datasheet HTML 8Page - NXP Semiconductors TDA2613 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
July 1994
5
Philips Semiconductors
Product specification
6 W hi-fi audio power amplifier
TDA2613
THERMAL RESISTANCE
HEATSINK DESIGN EXAMPLE
With derating of 8 K/W, the value of heatsink thermal resistance is calculated as follows:
given RL = 8 Ω and VP = 24 V, the measured maximum dissipation is 4,1 W; then, for a maximum ambient temperature
of 60
°C, the required thermal resistance of the heatsink is:
Note: The metal tab (heatsink) has the same potential as pin 5 (GND).
From junction to case
Rth j-c = 8 K/W
Fig.2 Power derating curve.
R
th h-a
150
60
–
41
,
----------------------
814 K/W
≈
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com