Electronic Components Datasheet Search
  English  ▼

X  

TDA2613 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA2613
Description  6 W hi-fi audio power amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2613 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA2613 Datasheet HTML 2Page - NXP Semiconductors TDA2613 Datasheet HTML 3Page - NXP Semiconductors TDA2613 Datasheet HTML 4Page - NXP Semiconductors TDA2613 Datasheet HTML 5Page - NXP Semiconductors TDA2613 Datasheet HTML 6Page - NXP Semiconductors TDA2613 Datasheet HTML 7Page - NXP Semiconductors TDA2613 Datasheet HTML 8Page - NXP Semiconductors TDA2613 Datasheet HTML 9Page - NXP Semiconductors TDA2613 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
July 1994
6
Philips Semiconductors
Product specification
6 W hi-fi audio power amplifier
TDA2613
CHARACTERISTICS
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage range
operating mode
VP
15
24
42
V
input mute mode
VP
4
−
10
V
Repetitive peak
output current
IORM
2.2
−−
A
Operating mode: asymmetrical power supply; test circuit as per Fig.4;
VP = 24 V; RL = 8 Ω; Tamb = 25 °C; f = 1 kHz
Total quiescent current
Itot
10
20
35
mA
Output power
THD = 0,5%
Po
56
−
W
THD = 10%
Po
6,5
8,0
−
W
Total harmonic
distortion
Po = 4 W
THD
−
0,15
0,2
%
Power bandwidth
THD = 0,5%;
note 1
B
−
20 to 16 k
−
Hz
Voltage gain
Gv
29
30
31
dB
Noise output voltage
(r.m.s. value);
unweighted (20 Hz
to 20 kHz)
RS = 2 kΩ
Vno(rms)
−
70
140
µV
Input impedance
|Zi|14
20
26
k
Ω
Supply voltage
ripple rejection
note 2
SVRR
35
44
−
dB
Input bias current
Iib
−
0,3
−µA
DC output offset
with respect
voltage
to VP/2
Vos
−
30
200
mV
Input mute mode: asymmetrical power supply; test circuit as per Fig.4;
VP = 8 V; RL = 8 Ω; Tamb = 25 °C; f = 1 kHz
Total quiescent current
Itot
515
20
mA
Output voltage
Vi = 600 mV
Vout
−
2,0
2,8
mV
Noise output voltage
(r.m.s. value);
unweighted (20 Hz
to 20 kHz)
RS = 2 kΩ
Vno(rms)
−
70
140
µV
Supply voltage
ripple rejection
note 2
SVRR
35
55
−
dB
DC output offset
with respect
voltage
to VP/2
Vos
−
40
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com