Electronic Components Datasheet Search
  English  ▼

X  

TDA2613 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA2613
Description  6 W hi-fi audio power amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2613 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA2613 Datasheet HTML 1Page - NXP Semiconductors TDA2613 Datasheet HTML 2Page - NXP Semiconductors TDA2613 Datasheet HTML 3Page - NXP Semiconductors TDA2613 Datasheet HTML 4Page - NXP Semiconductors TDA2613 Datasheet HTML 5Page - NXP Semiconductors TDA2613 Datasheet HTML 6Page - NXP Semiconductors TDA2613 Datasheet HTML 7Page - NXP Semiconductors TDA2613 Datasheet HTML 8Page - NXP Semiconductors TDA2613 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
July 1994
4
Philips Semiconductors
Product specification
6 W hi-fi audio power amplifier
TDA2613
FUNCTIONAL DESCRIPTION
This hi-fi power amplifier is designed for mains fed applications. The device is intended for asymmetrical power supplies,
but a symmetrical supply may also be used. An output power of 6 watts (THD = 0,5%) can be delivered into an 8
Ω load
with an asymmetrical power supply of 24 V.
The gain is fixed internally at 30 dB. Internal gain fixing gives low gain spread.
A special feature of this device is a mute circuit which suppresses unwanted input signals during switching on and off.
Referring to Fig.4, the 100
µF capacitor creates a time delay when the voltage at pin 3 is lower than an internally fixed
reference voltage. During the delay the amplifier remains in the DC operating mode but is isolated from the non-inverting
input on pin 9.
Two thermal protection circuits are provided, one monitors the average junction temperature and the other the
instantaneous temperature of the power transistors. Both protection circuits activate at 150
°C allowing safe operation to
a maximum junction temperature of 150
°C without added distortion.
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Note to the Ratings
For asymmetrical power supplies (at short-circuiting of the load) the maximum supply voltage is limited to VP = 28 V.
If the total internal resistance of the supply (RS) ≥ 4 Ω, the maximum unloaded supply voltage is increased to 32 V.
For symmetrical power supplies the circuit is short-circuit proof to VP = ± 21 V.
PARAMETER
CONDITIONS
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
VP
−
42
V
Non-repetitive peak
output current
IOSM
−
4A
Total power dissipation
see Fig.2
Ptot
Storage temperature range
Tstg
−55
+ 150
°C
Junction temperature
Tj
−
150
°C
Short-circuit time:
see note
outputs short-circuited
to ground
(full signal drive)
tsc
−
1
hour



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com