Electronic Components Datasheet Search
  English  ▼

X  

TDA2613 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA2613
Description  6 W hi-fi audio power amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2613 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA2613 Datasheet HTML 3Page - NXP Semiconductors TDA2613 Datasheet HTML 4Page - NXP Semiconductors TDA2613 Datasheet HTML 5Page - NXP Semiconductors TDA2613 Datasheet HTML 6Page - NXP Semiconductors TDA2613 Datasheet HTML 7Page - NXP Semiconductors TDA2613 Datasheet HTML 8Page - NXP Semiconductors TDA2613 Datasheet HTML 9Page - NXP Semiconductors TDA2613 Datasheet HTML 10Page - NXP Semiconductors TDA2613 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
July 1994
9
Philips Semiconductors
Product specification
6 W hi-fi audio power amplifier
TDA2613
Input mute circuit
The input mute circuit operates only during switching on and off of the supply voltage. The circuit compares the 1
⁄
2 supply
voltage (at pin 3) with an internally fixed reference voltage (Vref), derived directly from the supply voltage. When the
voltage at pin 3 is lower than Vref the non-inverting input (pin 9) is disconnected from the amplifier. The voltage at pin 3
is determined by an internal voltage divider and the external 100
µF capacitor.
During switching on, a time delay is created between the reference voltage and the voltage at pin 3, during which the
input terminal is disconnected, (as illustrated in Fig.5).
Fig.5 Input mute circuit; time delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com