Electronic Components Datasheet Search
  English  ▼

X  

TDA2613 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA2613
Description  6 W hi-fi audio power amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2613 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA2613 Datasheet HTML 1Page - NXP Semiconductors TDA2613 Datasheet HTML 2Page - NXP Semiconductors TDA2613 Datasheet HTML 3Page - NXP Semiconductors TDA2613 Datasheet HTML 4Page - NXP Semiconductors TDA2613 Datasheet HTML 5Page - NXP Semiconductors TDA2613 Datasheet HTML 6Page - NXP Semiconductors TDA2613 Datasheet HTML 7Page - NXP Semiconductors TDA2613 Datasheet HTML 8Page - NXP Semiconductors TDA2613 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA SHEET
Product specification
File under Integrated circuits, IC01
July 1994
INTEGRATED CIRCUITS
TDA2613
6 W hi-fi audio power amplifier


Similar Part No. - TDA2613

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2611 PHILIPS-TDA2611 Datasheet
251Kb / 13P
5 W audio power amplifier
November 1982
logo
Unisonic Technologies
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
5 W audio power amplifier
November 1982
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
2 x 6 W hi-fi audio power amplifier
1995 May 08
More results

Similar Description - TDA2613

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
2 x 6 W hi-fi audio power amplifier
July 1994
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
32W Hi-Fi AUDIO POWER AMPLIFIER
Mar-1995
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
12 TO 20 W HI FI AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
22W HI-FI AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
32W Hi-Fi AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
32 W hi-fi audio power amplifier
31-Aug-2011
TDA2030 STMICROELECTRONICS-TDA2030_05 Datasheet
321Kb / 17P
14 W hi-fi audio amplifier
21-Jun-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com