Electronic Components Datasheet Search
  English  ▼

X  

AD1933 Datasheet(PDF) 6 Page - Analog Devices

Part # AD1933
Description  8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1933 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1933 Datasheet HTML 2Page - Analog Devices AD1933 Datasheet HTML 3Page - Analog Devices AD1933 Datasheet HTML 4Page - Analog Devices AD1933 Datasheet HTML 5Page - Analog Devices AD1933 Datasheet HTML 6Page - Analog Devices AD1933 Datasheet HTML 7Page - Analog Devices AD1933 Datasheet HTML 8Page - Analog Devices AD1933 Datasheet HTML 9Page - Analog Devices AD1933 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD1933
Data Sheet
Rev. E | Page 6 of 28
TIMING SPECIFICATIONS
−40°C < TC < +125°C, DVDD = 3.3 V ± 10%.
Table 7.
Parameter
Condition
Comments
Min
Max
Unit
INPUT MASTER CLOCK (MCLK) AND RESET
tMH
MCLK duty cycle
DAC clock source = PLL clock @ 256 fS, 384 fS,
512 fS, and 768 fS
40
60
%
tMH
DAC clock source = direct MCLK @ 512 fS
(bypass on-chip PLL)
40
60
%
fMCLK
MCLK frequency
PLL mode, 256 fS reference
6.9
13.8
MHz
fMCLK
Direct 512 fS mode
27.6
MHz
tPDR
RST low
15
ns
tPDRR
RST recovery
Reset to active output
4096
tMCLK
PLL
Lock Time
MCLK and LR clock input
10
ms
256 fS VCO Clock, Output Duty Cycle
MCLKO/XO Pin
40
60
%
SPI PORT
See Figure 9
tCCH
CCLK high
35
ns
tCCL
CCLK low
35
ns
fCCLK
CCLK frequency
fCCLK = 1/tCCP, only tCCP shown in Figure 9
10
MHz
tCDS
CIN setup
To CCLK rising
10
ns
tCDH
CIN hold
From CCLK rising
10
ns
tCLS
CLATCH setup
To CCLK rising
10
ns
tCLH
CLATCH hold
From CCLK rising
10
ns
tCLHIGH
CLATCH high
Not shown in Figure 9
10
ns
tCOE
COUT enable
From CCLK falling
30
ns
tCOD
COUT delay
From CCLK falling
30
ns
tCOH
COUT hold
From CCLK falling, not shown in Figure 9
30
ns
tCOTS
COUT tristate
From CCLK falling
30
ns
DAC SERIAL PORT
See Figure 16
tDBH
DBCLK high
Slave mode
10
ns
tDBL
DBCLK low
Slave mode
10
ns
tDLS
DLRCLK setup
To DBCLK rising, slave mode
10
ns
tDLH
DLRCLK hold
From DBCLK rising, slave mode
5
ns
tDLS
DLRCLK skew
From DBCLK falling, master mode
−8
+8
ns
tDDS
DSDATA setup
To DBCLK rising
10
ns
tDDH
DSDATA hold
From DBCLK rising
5
ns
AUXTDM SERIAL PORT
See Figure 17
tABH
AUXTDMBCLK high
Slave mode
10
ns
tABL
AUXTDMBCLK low
Slave mode
10
ns
tALS
AUXTDMLRCLK setup
To AUXTDMBCLK rising, slave mode
10
ns
tALH
AUXTDMLRCLK hold
From AUXTDMBCLK rising, slave mode
5
ns
tALS
AUXTDMLRCLK skew
From AUXTDMBCLK falling, master mode
−8
+8
ns
tDDS
DSDATA setup
To AUXTDMBCLK, not shown in Figure 17
10
ns
tDDH
DSDATA hold
From AUXTDMBCLK rising, not shown in Figure 17
5
ns
AUXILIARY INTERFACE
tDXDD
AUXDATA delay
From AUXBCLK falling
18
ns
tXBH
AUXBCLK high
10
ns
tXBL
AUXBCLK low
10
ns
tDLS
AUXLRCLK setup
To AUXBCLK rising
10
ns
tDLH
AUXLRCLK hold
From AUXBCLK rising
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com