Electronic Components Datasheet Search
  English  ▼

X  

AD1933 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1933
Description  8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1933 Datasheet(HTML) 3 Page - Analog Devices

  AD1933 Datasheet HTML 1Page - Analog Devices AD1933 Datasheet HTML 2Page - Analog Devices AD1933 Datasheet HTML 3Page - Analog Devices AD1933 Datasheet HTML 4Page - Analog Devices AD1933 Datasheet HTML 5Page - Analog Devices AD1933 Datasheet HTML 6Page - Analog Devices AD1933 Datasheet HTML 7Page - Analog Devices AD1933 Datasheet HTML 8Page - Analog Devices AD1933 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD1933
Rev. E | Page 3 of 28
SPECIFICATIONS
TEST CONDITIONS
Performance of all channels is identical, exclusive of the interchannel gain mismatch and interchannel phase deviation specifications.
Supply voltages (AVDD, DVDD)
3.3 V
Temperature range1
As specified in Table 1 and Table 2
Master clock
12.288 MHz (48 kHz fS, 256 × fS mode)
Input sample rate
48 kHz
Measurement bandwidth
20 Hz to 20 kHz
Word width
24 bits
Load capacitance (digital output)
20 pF
Load current (digital output)
±1 mA or 1.5 kΩ to ½ DVDD supply
Input voltage high
2.0 V
Input voltage low
0.8 V
1
Functionally guaranteed at −40°C to +125°C case temperature.
ANALOG PERFORMANCE SPECIFICATIONS
Specifications guaranteed at an ambient temperature of 25°C.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL-TO-ANALOG CONVERTERS
Dynamic Range
20 Hz to 20 kHz, −60 dB input
No Filter (RMS)
102
107
dB
With A-Weighted Filter (RMS)
105
110
dB
With A-Weighted Filter (Avg)
112
dB
Total Harmonic Distortion + Noise
0 dBFS
Differential Version
Two channels running
−96
dB
Eight channels running
−86
−76
dB
Full-Scale Output Voltage
1.76 (4.96)
V rms (V p-p)
Gain Error
−10
+10
%
Interchannel Gain Mismatch
−0.2
+0.2
dB
Offset Error
−25
−6
+25
mV
Gain Drift
−30
+30
ppm/°C
Interchannel Isolation
100
dB
Interchannel Phase Deviation
0
Degrees
Volume Control Step
0.375
dB
Volume Control Range
95
dB
De-emphasis Gain Error
±0.6
dB
Output Resistance at Each Pin
100
Ω
REFERENCE
Internal Reference Voltage
FILTR pin
1.50
V
External Reference Voltage
FILTR pin
1.32
1.50
1.68
V
Common-Mode Reference Output
CM pin
1.50
V
REGULATOR
Input Supply Voltage
VSUPPLY pin
4.5
5.0
5.5
V
Regulated Supply Voltage
VSENSE pin
3.19
3.37
3.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com