Electronic Components Datasheet Search
  English  ▼

X  

AD1933 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1933
Description  8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1933 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1933 Datasheet HTML 4Page - Analog Devices AD1933 Datasheet HTML 5Page - Analog Devices AD1933 Datasheet HTML 6Page - Analog Devices AD1933 Datasheet HTML 7Page - Analog Devices AD1933 Datasheet HTML 8Page - Analog Devices AD1933 Datasheet HTML 9Page - Analog Devices AD1933 Datasheet HTML 10Page - Analog Devices AD1933 Datasheet HTML 11Page - Analog Devices AD1933 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD1933
Data Sheet
Rev. E | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
AGND
1
MCLKI/XI
2
MCLKO/XO
3
AGND
4
AVDD
5
OL3P
6
OL3N
7
OR3P
8
OR3N
9
OL4P 10
OL4N 11
OR4P 12
OR4N 13
RST 14
DSDATA4
15
DGND 16
AGND
48
FILTR
47
AGND
46
AVDD
45
AGND
44
OR2N
43
OR2P
42
OL2N
41
OL2P
40
OR1N
39
OR1P
38
OL1P
36
CLATCH
35
CCLK
34
DGND
33
OL1N
37
AD1933
TOP VIEW
(Not to Scale)
DIFFERENTIAL
OUTPUT
NC = NO CONNECT
Figure 2. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Input/Output
Mnemonic
Description
1
I
AGND
Analog Ground.
2
I
MCLKI/XI
Master Clock Input/Crystal Oscillator Input.
3
O
MCLKO/XO
Master Clock Output/Crystal Oscillator Output.
4
I
AGND
Analog Ground.
5
I
AVDD
Analog Power Supply. Connect to analog 3.3 V supply.
6
O
OL3P
DAC 3 Left Positive Output.
7
O
OL3N
DAC 3 Left Negative Output.
8
O
OR3P
DAC 3 Right Positive Output.
9
O
OR3N
DAC 3 Right Negative Output.
10
O
OL4P
DAC 4 Left Positive Output.
11
O
OL4N
DAC 4 Left Negative Output.
12
O
OR4P
DAC 4 Right Positive Output.
13
O
OR4N
DAC 4 Right Negative Output.
14
I
RST
Reset (Active Low).
15
I/O
DSDATA4
DACSerial Data Input 4. Input to DAC4 data in/TDM DAC2 data out (dual-line mode)/AUX
DAC2 data out (to external DAC2).
16
I
DGND
Digital Ground.
17
I
DVDD
Digital Power Supply. Connect to digital 3.3 V supply.
18
I/O
DSDATA3
DAC Serial Data Input 3. Data input to DAC3 in/TDM DAC2 data in (dual-line mode)/AUX
not used.
19
I/O
DSDATA2
DAC Serial Data Input 2. Data input to DAC2 data in/TDM DAC data out/AUX not used.
20
I
DSDATA1
DAC Serial Data Input 1. Data input to DAC1 data in/TDM DAC data in/AUX TDM data in.
21
I/O
DBCLK
Bit Clock for DACs. Regular stereo, TDM, or daisy-chain TDM mode.
22
I/O
DLRCLK
LR Clock for DACs. Regular stereo, TDM, or daisy-chain TDM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com