Electronic Components Datasheet Search
  English  ▼

X  

AD1933 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1933
Description  8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1933 Datasheet(HTML) 1 Page - Analog Devices

  AD1933 Datasheet HTML 1Page - Analog Devices AD1933 Datasheet HTML 2Page - Analog Devices AD1933 Datasheet HTML 3Page - Analog Devices AD1933 Datasheet HTML 4Page - Analog Devices AD1933 Datasheet HTML 5Page - Analog Devices AD1933 Datasheet HTML 6Page - Analog Devices AD1933 Datasheet HTML 7Page - Analog Devices AD1933 Datasheet HTML 8Page - Analog Devices AD1933 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
8-Channel DAC with PLL and
Differential Outputs, 192 kHz, 24 Bits
Data Sheet
AD1933
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
PLL generated or direct master clock
Low EMI design
DAC with 110 dB dynamic range and SNR
−96 dB THD + N
3.3 V single supply
Tolerance for 5 V logic inputs
Supports 24 bits and 8 kHz to 192 kHz sample rates
Differential DAC output
Log volume control with autoramp function
SPI® controllable for flexibility
Software-controllable clickless mute
Software power-down
Right-justified, left-justified, I2S, and TDM modes
Master and slave modes up to 16-channel input/output
64-lead LQFP
Qualified for automotive applications
APPLICATIONS
Automotive audio systems
Home Theater Systems
Set-top boxes
Digital audio effects processors
GENERAL DESCRIPTION
The AD1933 is a high performance, single chip that provides
eight digital-to-analog converters (DACs) with differential
output using the Analog Devices, Inc., patented multibit sigma-
delta (Σ-Δ) architecture. An SPI port is included, allowing a
microcontroller to adjust volume and many other parameters.
The AD1933 operates from 3.3 V digital and analog supplies.
The AD1933 is available in a 64-lead (differential output) LQFP.
Other members of this family include a single-ended DAC
output version.
The AD1933 is designed for low EMI. This consideration is
apparent in both the system and circuit design architectures.
By using the on-board PLL to derive the master clock from the
LR clock or from an external crystal, the AD1933 eliminates the
need for a separate high frequency master clock and can also be
used with a suppressed bit clock. The DACs are designed using
the latest Analog Devices continuous time architectures to
further minimize EMI. By using 3.3 V supplies, power
consumption is minimized, further reducing emissions.
FUNCTIONAL BLOCK DIAGRAM
AD1933
6.144MHz
ANALOG
AUDIO
OUTPUTS
DIGITAL AUDIO
INPUT/OUTPUT
CONTROL DATA
INPUT/OUTPUT
DIGITAL
FILTER
AND
VOLUME
CONTROL
SERIAL
DATA
PORT
PRECISION
VOLTAGE
REFERENCE
CLOCKS
SDATAIN
CONTROL PORT
SPI
TIMING MANAGEMENT
AND CONTROL
(CLOCK AND PULL)
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
Figure 1.


Similar Part No. - AD1933

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1933WBSTZ AD-AD1933WBSTZ Datasheet
380Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933WBSTZ-RL AD-AD1933WBSTZ-RL Datasheet
380Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933YSTZ AD-AD1933YSTZ Datasheet
380Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933YSTZ-RL AD-AD1933YSTZ-RL Datasheet
380Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
More results

Similar Description - AD1933

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1939 AD-AD1939 Datasheet
607Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
7/06-Revision 0
AD1935 AD-AD1935 Datasheet
381Kb / 30P
4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
AD1938 AD-AD1938 Datasheet
559Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
5/06-Revision 0
AD1928 AD-AD1928 Datasheet
595Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
4/07-Revision 0
AD1934 AD-AD1934 Datasheet
527Kb / 28P
8-Channel DAC with PLL, 192 kHz, 24 Bits
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1933YSTZ AD-AD1933YSTZ Datasheet
380Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com