Electronic Components Datasheet Search
  English  ▼

X  

EPR-9 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # EPR-9
Description  Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-9 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button EPR-9 Datasheet HTML 3Page - Power Integrations, Inc. EPR-9 Datasheet HTML 4Page - Power Integrations, Inc. EPR-9 Datasheet HTML 5Page - Power Integrations, Inc. EPR-9 Datasheet HTML 6Page - Power Integrations, Inc. EPR-9 Datasheet HTML 7Page - Power Integrations, Inc. EPR-9 Datasheet HTML 8Page - Power Integrations, Inc. EPR-9 Datasheet HTML 9Page - Power Integrations, Inc. EPR-9 Datasheet HTML 10Page - Power Integrations, Inc. EPR-9 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
03-April-2001
5 W Universal Input Dual Output Isolated TNY266
5 Layout and Picture
TP1 (U1-S)
Heat Sink
Slot For 6 kV
Breadboard
TP2 (U1-D)
Figure 5.1 - Footprint (3.3”X1.2”), With or Without (Derated At 85
°C Ambient) Heat Sink.
- For the drain-to-source voltage waveforms connect the high voltage probe tip to TP2 and the
probe ground to test point TP1.
- For switching current waveforms replace jumper TP2 with a wire loop and use a Tektronix
A6302 current probe and AM503 current probe amplifier (with TM501 power module) or
equivalent.
Figure 5.2 - Visible Picture.
Figure 5.3 - Infrared Picture.
R1 60.8
T1 59
°C
D6 58
°C
Page 7 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com