Electronic Components Datasheet Search
  English  ▼

X  

EPR-9 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # EPR-9
Description  Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-9 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button EPR-9 Datasheet HTML 5Page - Power Integrations, Inc. EPR-9 Datasheet HTML 6Page - Power Integrations, Inc. EPR-9 Datasheet HTML 7Page - Power Integrations, Inc. EPR-9 Datasheet HTML 8Page - Power Integrations, Inc. EPR-9 Datasheet HTML 9Page - Power Integrations, Inc. EPR-9 Datasheet HTML 10Page - Power Integrations, Inc. EPR-9 Datasheet HTML 11Page - Power Integrations, Inc. EPR-9 Datasheet HTML 12Page - Power Integrations, Inc. EPR-9 Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
03-April-2001
5 W Universal Input Dual Output Isolated TNY266
6 Bill Of Materials
6.1 Configuration ”1”, 2 kV
Item Qty. Ref.
Description
Manufacturer
Part Number
1
2
C1, C2
6.8
µF, 400 V, 105 °C
Rubycon
400BXA6R8M10x16
2
1
C3
0.1
µF, 50 V, ceramic
Panasonic
ECU-S1H104KBB
3
1
C4
2.2 nF, Y1-Safety
Panasonic
ECK-DNA222ME
4
1
C5
180
µF, 35 V (0.12 Ω)
Panasonic
EEUFC1V181
5
1
C6
82
µF, 35 V
Panasonic
ECA-1VFQ820
6
1
C7
100
µF, 10 V
Panasonic
ECA-1AFQ101
7
4
D1- D4
Glass Passivated Diode
Vishay/ Lite On
1N4005GP
8
1
D5
600 V,1 A, 150 ns
Fagor/Gen. Semi.
1N4937
9
1
D6
60 V, 1.1 A, Schottky
IR
11DQ6
10
1
D7
200 V, 1 A, ultrafast
ON/NTE
MUR120/NTE587
11
2
**J1,J2
Header, 3 pos., 0.156 spacing
Molex
26-48-1035
12
2
*LED1,LED2
low current
Siemens/HP
LG3369/HLMP1790
13
1
L1
2.2 mH
±5%, 10.9 Ω, 128 mA
Bosung
14
1
L2
18
µH, 10%, 2.2 A
Toko
R622LY-180k
15
1
R1
33
Ω, flame proof, fusible, 3 W
Vitrohm (Farnell
Components)
(08 WX7860)
16
1
R2
4.7 k
Ω, 1/8 W
Yageo
17
1
R3
100
Ω, 1/8 W
Yageo
18
1
R4
1 k
Ω, 1/8 W
Yageo
19
1
*R5
6.8 k
Ω, 1/4 W
Yageo
20
1
*R6
2.4 k
Ω, 1/4 W
Yageo
21
1
T1
Transformer EE16 Custom
DT Magnetics
TBD
22
1
U1
Off-line Switcher
Power Integrations
TNY266P
23
1
U2
Optocoupler
Sharp
PC817A
24
1
VR1
200 V Transient suppressor
General Instrument BZY97C200
25
1
VR2
Zener, 4.3 V
±2%
Diodes Incorporated 1N5991C
*Optional
**Remove middle pin for J1
6.2 Configuration ”2”, 6 kV
(Add the following items to Configuration "1")
Item Qty. Ref.
Description
Manufacturer
Part Number
26
1
F1
0.5 A, 250 V, fast-acting fuse
Littelfuse
Series 263
27
2
R7, R8
47
Ω, 1 W
Ohmite
OX470K
28
1
RV1
Varistor, 275 VAC, 14 mm
Harris/Littelfuse
V275LA20A
Page 9 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com