Electronic Components Datasheet Search
  English  ▼

X  

A19300LUBATN-RWBGA Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A19300LUBATN-RWBGA
Description  ASIL-Compliant Hall-Effect Wheel Speed Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19300LUBATN-RWBGA Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A19300LUBATN-RWBGA Datasheet HTML 2Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 3Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 4Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 5Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 6Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 7Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 8Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 9Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
with Speed and Direction Output
A19300
6
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.[1]
Max.
Unit
OPERATING CHARACTERISTICS AND PERFORMANCE
Operating Frequency,
Forward Pulses [8]
fFWD
-xNxx variant
0
–
5
kHz
-xWxx variant
0
–
3.9
kHz
Operating Frequency,
Reverse Pulses [8]
fREV
-xNxx and -xWxx variant
0
–
2.4
kHz
Operating Frequency,
Warning Pulses
fWARN
-xxPx variant
0
–
5
kHz
Operating Differential Magnetic
Input [9]
BDIFF(pk-pk)
Peak-to-peak of differential magnetic input
20
–
–
G
Operating Differential Magnetic
Range [9]
BDIFF
Refer to Figure 5
–700
–
700
G
Air Gap Warning Level
BWARN
Signal amplitude that engages warning pulses
(-xxPx variant)
–
24
–
G
Operating Magnetic Input
Signal Variation
∆BDIFF(pk-pk)
Bounded amplitude ratio within TWINDOW [10];
no missed output transitions or flat line condition;
possible incorrect direction information;
see Figure 3 and Figure 4
0.4
–
–
–
Operating Magnetic Input
Signal Window
TWINDOW
Rolling window where ∆BDIFF(pk-pk) cannot exceed
bounded ratio; see Figure 3 and Figure 4
4 ×
TCYCLE
–
–
–
Calibration Period
TCAL
Period between power-on and valid speed and
correct direction output (f ≤ 200 Hz)
–
–
1.5 ×
TCYCLE
–
Operate Point
BOP
% of peak-to-peak IC-processed signal
–
60
–
%
Release Point
BRP
% of peak-to-peak IC-processed signal
–
40
–
%
Switch Point Separation
BDIFF(SP-SEP)
Required amount of amplitude separated
between channels at each BOP and BRP
occurrence and channels must be in phase
(refer to Figure 6)
20
–
–
%pk-pk
THERMAL CHARACTERISTICS
Magnetic Temperature Coefficient [11]
TC
Based on ferrite ring magnet and neodymium
magnet (-xxxE Variant)
–
0.16
–
%/°C
Based on SmCo magnet (-xxxG variant)
–
0.04
–
%/°C
[1]
Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
[2]
Maximum voltage must be adjusted for power dissipation and junction temperature; see representative for Power Derating discussions.
[3]
Negative current is defined as conventional current coming out of (sourced from) the specified device terminal.
[4]
Supply current ratio is taken as a mean value of ICC(HIGH) / ICC(LOW).
[5]
Output Rise/Fall Time specification is guaranteed by design.
[6]
Time between power-on to ICC stabilizing. Transitions prior to tPO should be ignored.
[7]
Pulse width measured at threshold of (ICC(HIGH) + ICC(LOW)) / 2.
[8]
These frequency ranges are based on valid pulse width generation with each pulse width preceding with a tw(PRE)(MAX). Frequency is based on BDIFF frequency.
[9]
Differential magnetic field is measured for Channel A (E1-E2) and Channel B (E2-E3) independently. Refer to Figure 5. Each channel’s differential magnetic field is
measured between two Hall elements spaced by 1.5 mm. Magnetic field is measured orthogonally to the front of the package. Refer to UB package drawing.
[10]
Symmetrical signal variation is defined as the largest amplitude ratio from Bn to Bn + TWINDOW. Signal variation may occur continuously while BDIFF remains in the
operating magnetic range.
[11]
Magnetic encoders decrease in magnetic strength with rising temperature. The device temperature coefficient compensates, maintaining the BDIFF(pk-pk) requirement.
OPERATING CHARACTERISTICS (continued): Valid throughout full operating and temperature ranges,
unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com