Electronic Components Datasheet Search
  English  ▼

X  

A19300LUBATN-RWBGA Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A19300LUBATN-RWBGA
Description  ASIL-Compliant Hall-Effect Wheel Speed Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19300LUBATN-RWBGA Datasheet(HTML) 2 Page - Allegro MicroSystems

  A19300LUBATN-RWBGA Datasheet HTML 1Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 2Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 3Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 4Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 5Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 6Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 7Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 8Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
with Speed and Direction Output
A19300
2
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
SELECTION GUIDE*
Part Number
Packing
A19300LUBATN-FWPE-A
Tape and reel, 4000 pieces per reel
A19300LUBATN-RWPE-A
Tape and reel, 4000 pieces per reel
A19300LUBATN-FWPE
Tape and reel, 4000 pieces per reel
A19300LUBATN-RWPE
Tape and reel, 4000 pieces per reel
*Not all combinations are available. Contact Allegro sales for availability and pricing of custom programming options.
Configuration Options
A19300
N– 45 µs
W– 90 µs
F– Pin 1 to pin 2
R– Pin 2 to pin 1
Forward Rotation Direction:
LTN-
Packing Instructions
Package Designation
Operating Temperature Range
Allegro Identifier and Device Type
Forward Pulse Width:
UBA
Protocol Options:
P– Warning and standstill pulses enabled
Magnetic Temperature Compensation:
G– Samarium-cobalt magnet
Warning and standstill pulses disabled
Ferrite ring magnet or neodymium magnet
E
B
Fault Detection Mode:
ASIL protocol enabled
A
ASIL protocol disabled
[blank]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com