| Electronic Components Datasheet Search |
|
A19300LUBATN-RWBGA Datasheet(PDF) 1 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A19300LUBATN-RWBGA Datasheet(HTML) 1 Page - Allegro MicroSystems |
|
1 / 17 page ![]() The A19300 is an optimized Hall-effect integrated circuit (IC) that provides a user-friendly two-wire solution for applications where pitch accuracy is important for the determination of speed and direction of the sensed target. The small package includes an integrated capacitor and Hall-based IC in a single overmolded design, with an additional molded lead-stabilizing bar for robust shipping and ease of assembly. The IC’s SolidSpeed Digital Architecture offers intelligent algorithms capable of maintaining stable operation during dynamic air gap movements. The sophisticated digital controller provides highly accurate speed detection and rotational direction detection ideal for ABS applications. Integrated diagnostics are used to detect an IC failure impacting output protocol accuracy, providing ASIL B compliance. The IC includes built-in EEPROM scratch memory available for device traceability throughout sensor module production. The IC is offered in the UB package, which integrates the IC and a high temperature ceramic capacitor in a single overmolded SIP package for enhanced EMC performance. The 2-pin SIP package is lead (Pb) free, with tin leadframe plating. A19300-DS, Rev. 2 MCO-0000535 • Hall-effect technology allows ease of use for ring magnet and ferrous target sensing • Integrated capacitor in a single overmolded miniature package provides greater EMC robustness • SolidSpeed Digital Architecture supports advanced algorithms, maintaining pitch accuracy during dynamic air gap disturbances • ASIL B rating based on integrated diagnostics and certified safety design process • User-accessible EEPROM for device traceability ASIL-Compliant Hall-Effect Wheel Speed Sensor IC with Speed and Direction Output Functional Block Diagram A19300 Oscillator EEPROM Digital Controller L-C Output ESD Protection Regulator VCC ADC ADC C-R VCC GND Output Driver FEATURES AND BENEFITS DESCRIPTION September 26, 2022 PACKAGE: Not to scale 2-Pin SIP (suffix UB) |
Similar Part No. - A19300LUBATN-RWBGA |
|
Similar Description - A19300LUBATN-RWBGA |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |