Electronic Components Datasheet Search
  English  ▼

X  

A19300LUBATN-RWBGA Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # A19300LUBATN-RWBGA
Description  ASIL-Compliant Hall-Effect Wheel Speed Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19300LUBATN-RWBGA Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button A19300LUBATN-RWBGA Datasheet HTML 9Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 10Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 11Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 12Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 13Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 14Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 15Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 16Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
with Speed and Direction Output
A19300
16
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Figure 14: Package UB, 2-Pin SIP
For Reference Only –Not for Tooling Use
(Reference DWG-0000408, Rev. 4)
Dimensions in millimeters – NOT TO SCALE
Exact case and lead configuration at supplier discretion within limits shown
0.65 ±0.07
7° ×2
R0.20 (all edges)
4.00 +0.06
–0.05
10° ×4
1.50 ±0.05
Active Area Depth
0.38 ±0.03
4.00 +0.06
–0.07
Package Front and Rear
Surface Finish
Ra 0.4 to 0.56
(Charmilles 12 to 15)
18.00 ±0.10
45°
0.42 ±0.05
R0.20 (all corners)
0.30 REF
2.54 REF
1.80 ±0.10
1.00 ±0.05
0.25 +0.07
–0.03
Plating Included
R0.12
(all edges)
1.50 ±0.05
0.38 REF
0.85 ±0.05
1.00 REF ×2
Ejector Pin
R0.30 (all corners)
0.25 REF
3.35 ±0.10
7.37 REF ×4
2.00 REF
Ejector Pin
0.25 REF
0.10 +0.05
–0.10
DETAIL A
0.545 REF ×2
1.36 REF
0.15 REF
0.25 REF ×4
2.50 ±0.10 ×4
12.20 ±0.10
0.85 REF ×8
1.80 +0.06
–0.07
4.00 +0.06
–0.05
DETAIL A
Line 1: 5-character Part Number
Line 2: 4-digit Date Code
Line 3: Characters 5, 6, 7, 8 of Asembly
Lot Number
Branding scale and appearance at supplier discretion
Standard Branding Reference View
Date Code
Lot Number
19300
Molded Lead Bar for preventing
damage to leads during shipment
Gate and tie burr area
Dambar Protrusion
Removal ×8
Hall element E1
(not to scale)
Hall element E3 (not to scale)
Hall element E2 (not to scale)
1.50
1.50
0.50
1.39
PACKAGE OUTLINE DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com