Electronic Components Datasheet Search
  English  ▼

X  

LD5762E Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD5762E
Description  High Voltage Multi-Mode PWM Controller with BNO Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5762E Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD5762E Datasheet HTML 3Page - Leadtrend Technology LD5762E Datasheet HTML 4Page - Leadtrend Technology LD5762E Datasheet HTML 5Page - Leadtrend Technology LD5762E Datasheet HTML 6Page - Leadtrend Technology LD5762E Datasheet HTML 7Page - Leadtrend Technology LD5762E Datasheet HTML 8Page - Leadtrend Technology LD5762E Datasheet HTML 9Page - Leadtrend Technology LD5762E Datasheet HTML 10Page - Leadtrend Technology LD5762E Datasheet HTML 11Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LD5762E/A
11/09/2017
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5762E/A-DS-00 November 2017
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Gate Drive Output (OUT Pin)
Output Low Level
VCC=15V, Io=20mA
VOL
0
1
V
Output High Level
VCC=15V, Io=20mA
VOH
8
VCC
V
Rising Time
*Load
Capacitance=
1000pF
Tr
90
ns
Falling Time
*Load
Capacitance=
1000pF
Tf
20
ns
OUT Pin Clamping Voltage
*VCC=
21V,1nF on
OUT pin
VO_CLAMP
12
V
QRD (Quasi Resonant Detection, FB Pin)
UVP Trip voltage Level
(VAC> 250 VDC)
VFB_UVP
0.45
0.5
0.55
V
De-bounce Cycle
*
TSKIP
1
Cycle
OVP Trip voltage Level
VFB_OVP
2.85
3
3.15
V
De-bounce Cycle
*
TD_FBOVP
8
Cycle
QRD Trip Level
*
IQRD
20
A
QRD Delay Time
*
TQRD
100
ns
Soft Start
Soft Start Duration(1)
*After OCP, OTP,
BNO, OVP is tripped
TSS1
6
ms
Soft Start Duration(2)
Fsw=65kHz
TSS2
30
ms
Internal OTP
OTP Tripped Level(TOTP)
*
TINOTP
140
C
OTP Hysteresis
*
TINOTP_HYS
TOTP-30
C
OTP De-bounce Time
*
TD_INOTP
50
s
CS_OTP (Over Temperature Protection Protection)
OTP Trip Current Level
VCSOTP
0.43
0.45
0.47
V
VCS Discharge Time
*Gate On
(Ron=350ohm)
TDIS_CS
LEB
ns
De-bounce Cycle
*
TD_CSOTP
16
Cycle
*: Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com