Electronic Components Datasheet Search
  English  ▼

X  

LD5762E Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD5762E
Description  High Voltage Multi-Mode PWM Controller with BNO Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5762E Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD5762E Datasheet HTML 7Page - Leadtrend Technology LD5762E Datasheet HTML 8Page - Leadtrend Technology LD5762E Datasheet HTML 9Page - Leadtrend Technology LD5762E Datasheet HTML 10Page - Leadtrend Technology LD5762E Datasheet HTML 11Page - Leadtrend Technology LD5762E Datasheet HTML 12Page - Leadtrend Technology LD5762E Datasheet HTML 13Page - Leadtrend Technology LD5762E Datasheet HTML 14Page - Leadtrend Technology LD5762E Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LD5762E/A
11/09/2017
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5762E/A-DS-00 November 2017
VCC
UVLO(ON)
UVLO(OFF)
t
t
HV Current
2.8mA
Startup Current
VCC current
~ 0mA (off)
Operating Current
(Supply from Auxiliary Winding)
Fig. 9
QR Mode Detection
The transformer will be demagnetized after the main
power MOSFET turns off. A quasi resonant signal will
be detected from auxiliary winding by FB pin through the
external resister.
As soon as the current of the secondary side diode is
down
to
zero
during
MOSFET-off
period,
the
transformer’s core is demagnetized completely. V
DS of
MOSFET will resonate in discontinuous current mode.
The resonance frequency (FQR) will be obtained as
below.
M
L
Inductance of primary winding
R
C
Resonance equivalent parasitic capacitance
If VDS voltage falls to resonant valley level from max
plateau value, the QRD comparator will be tripped while
FB pin current is close to 20
A.
Brown in/out Protection
The LD5762E/A features burn-in/out function on HV pin.
As the built-in comparator detects the half wave rectify
line voltage condition, it will shut off the controller to
prevent from any damage. Fig. 10 shows the operation.
When VHV < HVBO, the gate output will remain off even
when the VCC already reaches UVLO(ON). It therefore
forces
the
VCC
hiccup
between
UVLO(ON)
and
UVLO(OFF). Unless the line voltage rises over HVBI VAC,
the gate output will not start switching even as the next
UVLO(ON) is tripped. A hysteresis is implemented to
prevent the false-triggering during turn-on and turn-off.
BNO/on
t
VCC
t
OUT
Switching
Non-Switching
t
VHV(peak)
t
Line Voltage
BNO/off
Non-
Switching
AC OK area
UVLO(ON)
UVLO(OFF)
Fig. 10
Current Sensing, Leading-Edge Blanking
and the Negative Spike on CS Pin
The typical current mode PWM controller feedbacks
both current signal and voltage signal to close the
control loop and achieve regulation. The LD5762E/A
detects the primary MOSFET current across CS pin to
)
Hz
(
C
L
2
1
F
R
m
QR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com