Electronic Components Datasheet Search
  English  ▼

X  

LD5762E Datasheet(PDF) 14 Page - Leadtrend Technology

Part # LD5762E
Description  High Voltage Multi-Mode PWM Controller with BNO Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5762E Datasheet(HTML) 14 Page - Leadtrend Technology

Back Button LD5762E Datasheet HTML 10Page - Leadtrend Technology LD5762E Datasheet HTML 11Page - Leadtrend Technology LD5762E Datasheet HTML 12Page - Leadtrend Technology LD5762E Datasheet HTML 13Page - Leadtrend Technology LD5762E Datasheet HTML 14Page - Leadtrend Technology LD5762E Datasheet HTML 15Page - Leadtrend Technology LD5762E Datasheet HTML 16Page - Leadtrend Technology LD5762E Datasheet HTML 17Page - Leadtrend Technology LD5762E Datasheet HTML 18Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
LD5762E/A
11/09/2017
14
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5762E/A-DS-00 November 2017
be shut off simultaneously and stop switching the power
MOSFET.
The VCC OVP functions of LD5762E are auto-recovery
mode. If the OVP condition, which usually causes by
open-loop of feedback, is not released, the VCC will
tripped the OVP level again and re-shutdown the output.
The VCC works in hiccup mode. Figure 14 shows its
operation.
Otherwise, when the OVP condition is removed, the
VCC level will be resumed and the output will
automatically return to the normal operation.
VCC
UVLO(ON)
UVLO(OFF)
t
OVP Tripped
t
OUT
Switching
Switching
Non-Switching
OVP Level
OUT
Clamping
Fig. 14
On-Chip OTP
– Auto Recovery
An internal OTP circuit is embedded inside the
LD5762E/A to provide the worst-case protection for this
controller. When the chip temperature rises higher than
the trip OTP level, the output will be disabled until the
chip is cooled down below the hysteresis window.
Under Voltage Protection on FB (FB UVP) -
Skip 1 Cycle
In order to prevent output short situation, LD5762E/A is
implemented by FB_UVP. When the output load is
shorted to ground, the voltage suddenly decreases to
zero, which always reflects to auxiliary winding during
the gate off region. Therefore, as VFB is lower than 0.5V
during gate off region, then the FB_UVP is triggered.
Over
Voltage
Protection
on
FB
Pin
(FB_OVP)
–Auto Recovery for LD5762E
An output overvoltage protection is implemented in the
LD5762E/A. The auxiliary winding voltage can be
reflected from secondary winding, in which the FB pin
voltage is proportional to output voltage during the gate
off time. OVP is worked by sensing the auxiliary voltage
via the divided resistors R2, referring to Fig. 15. The
equation of FB OVP is shown as follows.
Fig. 15
OVP
_
FB
a
OVP
_
FB
1
2
V
-
V
V
×
R
=
R
(
)
F
O
S
a
a
V
+
V
N
N
=
V
VFB_OVP is the FB pin OVP trip voltage level. Va is the
auxiliary winding voltage which reflects from the forward
voltage VF of schottky diode and output voltage VO. NS
is turns ration of secondary-side winding.
If VFB is over the FB_OVP trip level, the internal counter
starts counting 8 cycles, and then LD5762E goes to
auto recovery mode.
LD5762E/A
R1
R2
VCC
FB
GND
Va
VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com