Electronic Components Datasheet Search
  English  ▼

X  

LD5762E Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD5762E
Description  High Voltage Multi-Mode PWM Controller with BNO Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5762E Datasheet(HTML) 1 Page - Leadtrend Technology

  LD5762E Datasheet HTML 1Page - Leadtrend Technology LD5762E Datasheet HTML 2Page - Leadtrend Technology LD5762E Datasheet HTML 3Page - Leadtrend Technology LD5762E Datasheet HTML 4Page - Leadtrend Technology LD5762E Datasheet HTML 5Page - Leadtrend Technology LD5762E Datasheet HTML 6Page - Leadtrend Technology LD5762E Datasheet HTML 7Page - Leadtrend Technology LD5762E Datasheet HTML 8Page - Leadtrend Technology LD5762E Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LD5762E/A
11/09/2017
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5762E/A-DS-00 November 2017
High Voltage Multi-Mode PWM Controller with BNO
Function
REV. 00
General Description
The LD5762E/A is a green mode PWM IC built-in with
brown-in/ out functions in a SOP-7/SOP-8 package. The
device could therefore minimize the component counts,
circuit space, and reduce the overall material cost of
power applications.
The
LD5762E/A
features
HV
start,
green-mode
power-saving operation, and internal slope compensation,
soft-start functions which could minimum the power loss
and improve the system performance.
With complete protection with it, like OVP (Over Voltage
Protection),
OCP
(Over
Current
protection)
and
brown-in/out protection, LD5762E/A prevents the circuit
from being damaged in abnormal conditions.
Furthermore,
the
LD5762E/A
features
frequency
swapping and soft driving function to minimize the noise
and improve EMI.
Features
 Secondary-side feedback control with quasi-resonant
+ CCM operation
 High-Voltage (710V) Startup Circuit
 Built-in Brown-in/out Function on HV pin
 Built- in X-Cap Discharge on HV pin
 OVP (Over Voltage Protection) on VCC/FB
 OCP (Over Current Protection)
 OSCP(Output Short Circuit Protection)
 Adj. CS_OTP (Over Temperature Protection)
 Soft Driving
 +300mA/-800mA Driving Capability
Applications
 USB PD Power and Adaptor
Typical Application
EMI
Filter
+
~
~
AC
Input
FB
GND
COMP CS
OUT
VCC
HV
*
DC
Output
LD5762E/A


Similar Part No. - LD5762E

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD5762E1 LEADTREND-LD5762E1 Datasheet
579Kb / 19P
High Voltage Green-Mode PWM Controller with BNO Function
REV. 00
LD5762E1GR LEADTREND-LD5762E1GR Datasheet
579Kb / 19P
High Voltage Green-Mode PWM Controller with BNO Function
REV. 00
LD5762E1GS LEADTREND-LD5762E1GS Datasheet
579Kb / 19P
High Voltage Green-Mode PWM Controller with BNO Function
REV. 00
More results

Similar Description - LD5762E

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
High Performance Voltage Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Diodes Incorporated
AP3118 DIODES-AP3118 Datasheet
1Mb / 17P
HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
Rev 5
logo
Leadtrend Technology
LD5760 LEADTREND-LD5760 Datasheet
726Kb / 20P
High Voltage Green-Mode PWM Controller with Brown-In/Out Function
LD5525 LEADTREND-LD5525 Datasheet
734Kb / 16P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Protection
logo
Diodes Incorporated
AP3304 DIODES-AP3304 Datasheet
684Kb / 12P
MULTI-MODE PWM CONTROLLER
Rev. 4 - 2 October 2021
logo
List of Unclassifed Man...
OB2362 ETC-OB2362 Datasheet
677Kb / 10P
Adaptive Multi-Mode PWM Controller
OB_DOC_DS_236200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com