Electronic Components Datasheet Search
  English  ▼

X  

LD5762E Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD5762E
Description  High Voltage Multi-Mode PWM Controller with BNO Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5762E Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD5762E Datasheet HTML 8Page - Leadtrend Technology LD5762E Datasheet HTML 9Page - Leadtrend Technology LD5762E Datasheet HTML 10Page - Leadtrend Technology LD5762E Datasheet HTML 11Page - Leadtrend Technology LD5762E Datasheet HTML 12Page - Leadtrend Technology LD5762E Datasheet HTML 13Page - Leadtrend Technology LD5762E Datasheet HTML 14Page - Leadtrend Technology LD5762E Datasheet HTML 15Page - Leadtrend Technology LD5762E Datasheet HTML 16Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
LD5762E/A
11/09/2017
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5762E/A-DS-00 November 2017
control
peak
current
mode
and
also
limit
the
pulse-by-pulse current. The maximum voltage threshold
of the current sensing pin sets at 0.83V. Thus the
MOSFET peak current can be calculated as:
S
)
MAX
(
PEAK
R
V
83
.
0
I
A 300ns leading-edge blanking (LEB) time is designed
in the input of CS pin to prevent false-triggering from the
current spike. In the low power applications, if the total
pulse width of the turn-on spikes is less than 150ns and
the negative spike on the CS pin does not exceed -0.3V,
the R-C filter (as shown in Fig. 11) is free to eliminate.
However, the total pulse width of the turn-on spike is
related to the output power, circuit design and PCB
layout. It is strongly recommended to add a small R-C
filter (as shown in Fig. 12) for larger power application to
avoid the CS pin from being damaged by the negative
turn-on spike.
CS
VCC
GND
LD5762E/A
Can be removed if the negative
spike is not over spec. (-0.3V).
OUT
150ns
blanking time
Fig. 11
CS
VCC
GND
LD5762E/A
R-C filter is required when the negative spike
exceeds -0.3V or the total spike width is over
300ns LEB period.
OUT
Fig. 12
Output Stage and Maximum Duty-Cycle
An output stage of a CMOS buffer with typical 300mA
driving capability is incorporated to drive a power
MOSFET
directly.
The
maximum
duty-cycle
of
LD5762E/A is limited to 83% to avoid the transformer
saturation.
Voltage Feedback Loop
The voltage feedback signal is provided from the TL431
on the secondary side through the photo-coupler to the
COMP pin of LD5762E/A. Similar to UC384X, its input
stage is with 1 diodes voltage offset to feed the voltage
divider with 1/4 ratio, that is,
COMP
)
PWM
(
cs
V
4
1
V
COMPARATOR
A pull-high resistor is embedded internally to optimize
the external circuit.
Internal Slope Compensation
A fundamental issue of current mode control is the
stability problem when its duty-cycle is operated for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com