Electronic Components Datasheet Search
  English  ▼

X  

EPR-89 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # EPR-89
Description  Engineering Prototype Report for 2.0 W CV Adapter using LNK362P
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-89 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button EPR-89 Datasheet HTML 4Page - Power Integrations, Inc. EPR-89 Datasheet HTML 5Page - Power Integrations, Inc. EPR-89 Datasheet HTML 6Page - Power Integrations, Inc. EPR-89 Datasheet HTML 7Page - Power Integrations, Inc. EPR-89 Datasheet HTML 8Page - Power Integrations, Inc. EPR-89 Datasheet HTML 9Page - Power Integrations, Inc. EPR-89 Datasheet HTML 10Page - Power Integrations, Inc. EPR-89 Datasheet HTML 11Page - Power Integrations, Inc. EPR-89 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
EP-89 6.2 V, 322 mA Adapter
08-Nov-2005
The controller regulates the output voltage by skipping switching cycles (ON/OFF control)
whenever the output voltage is above the reference level. During normal operation,
MOSFET switching is disabled whenever the current flowing into the FEEDBACK (FB)
pin is greater than 49
µA. If less than 49 µA is flowing into the FB pin when the
oscillator’s (internal) clock signal occurs, MOSFET switching is enabled for that switching
cycle and the MOSFET turns on. That switching cycle terminates when the current
through the MOSFET reaches ILIMIT, or the DCMAX signal occurs*. At full load, few
switching cycles will be skipped (disabled) resulting in a high effective switching
frequency. As the load reduces, more switching cycles are skipped, which reduces the
effective switching frequency. At no-load, most switching cycles are skipped, which is
what makes the no-load power consumption of supplies designed around the
LinkSwitch-XT
family so low, since switching losses are the dominant loss mechanism at
light loading. Additionally, since the amount of energy per switching cycle is fixed by
ILIMIT, the skipping of switching cycles gives the supply a fairly consistent efficiency over
most of the load range. [NOTE * Termination of a switching cycle by the maximum duty
cycle (DCMAX) signal usually only occurs in an abnormal condition, such as when a high-
line-only design (220/240 VAC) is subject to a brown-out condition, where just slightly
over 50 V (the minimum drain voltage required for normal operation) is available to the
supply, and the current through the MOSFET is not reaching ILIMIT each switching cycle
because of the low input voltage.]
4.3
Feedback
The output voltage of the supply is determined by the sum of the voltages developed
across VR1, R2 and the (forward bias voltage) LED in optocoupler U2A. As the supply
turns on and the output voltage comes into regulation, U2A will become forward biased,
which will turn on its photo-transistor (U2B) causing > 49
µA to flow into the FB pin, and
the next switching cycle to be skipped. Resistor R2 limits the bias current through VR1 to
about 1 mA. Resistor R3 can be used to fine-tune the output voltage, and also limits the
peak current through U2A during load transients.
Since the controller responds to
feedback each switching cycle (the decision to enable or disable MOSFET switching is
made right before that switching cycle is to occur), the feedback loop requires no
frequency compensation components.
Page 8 of 32
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com