Electronic Components Datasheet Search
  English  ▼

X  

EPR-89 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # EPR-89
Description  Engineering Prototype Report for 2.0 W CV Adapter using LNK362P
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-89 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  EPR-89 Datasheet HTML 1Page - Power Integrations, Inc. EPR-89 Datasheet HTML 2Page - Power Integrations, Inc. EPR-89 Datasheet HTML 3Page - Power Integrations, Inc. EPR-89 Datasheet HTML 4Page - Power Integrations, Inc. EPR-89 Datasheet HTML 5Page - Power Integrations, Inc. EPR-89 Datasheet HTML 6Page - Power Integrations, Inc. EPR-89 Datasheet HTML 7Page - Power Integrations, Inc. EPR-89 Datasheet HTML 8Page - Power Integrations, Inc. EPR-89 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Power Integrations
5245 Hellyer Avenue, San Jose, CA 95138 USA.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Title
Engineering Prototype Report for 2.0 W
CV Adapter using LNK362P
Specification
85-265 VAC Input, 6.2 V, 322 mA Output
Application
Low Cost Adapter
Author
Power Integrations Applications Department
Document
Number
EPR-89
Date
08-Nov-05
Revision
1.0
Summary and Features
• Low cost, low part count solution: requires only 19 components
• Integrated LinkSwitch-XT safety and reliability features:
• Accurate (± 5%), auto-recovering, hysteretic, thermal shutdown function keeps PCB
temperature below safe levels under all conditions
• Auto-restart protects against output short-circuits and open feedback loops
• > 3.2 mm creepage on IC package enables reliable operation in high humidity and
high pollution environments
• EcoSmart® – meets all existing and proposed international energy efficiency standards
such as China (CECP) / CEC / EPA / AGO / European Commission
• No-load consumption 110 mW at 265 VAC
• 61.5 % active-mode efficiency (exceeds CEC requirement of 55.2 %)
• E-Shield™ transformer construction and frequency jitter enable this supply to meet
EN550022 & CISPR-22 Class B EMI with >10 dBµV of margin
• Meets IEC61000-4-5 Class 3 AC line surge
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at
www.powerint.com
.


Similar Part No. - EPR-89

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-84 POWERINT-EPR-84 Datasheet
5Mb / 28P
Engineering Prototype Report for EP-84 - <30 mW No-Load Consumption AC-DC Power Supply Using TNY264P
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
EPR-86 POWERINT-EPR-86 Datasheet
956Kb / 28P
Engineering Prototype Report for EP 86 - 6.6 W Multi-Class Powered Device (PD) for Power over Ethernet (PoE) Using DPA-Switch-(DPA423G)
More results

Similar Description - EPR-89

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EP11 POWERINT-EP11 Datasheet
1Mb / 46P
Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
EPR-16 POWERINT-EPR-16 Datasheet
1Mb / 36P
Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
EPR-48 POWERINT-EPR-48 Datasheet
1Mb / 20P
Engineering Prototype Report for EP48 - 1.4 W Non-Isolated Buck Converter Using LNK304P
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
EPR-68 POWERINT-EPR-68 Datasheet
2Mb / 28P
Engineering Prototype Report for EP 68 - 6.6 W DC-DC Flyback Converter Using DPA-Switch- (DPA423G)
EPR-71 POWERINT-EPR-71 Datasheet
1Mb / 28P
Engineering Prototype Report for EP 71 - 6.6 W DC-DC Converter Using DPA Switch- (DPA423G)
EPR-73 POWERINT-EPR-73 Datasheet
2Mb / 36P
Engineering Prototype Report for EP-73 - 2.3 W CV/CC Charger/Adapter Using LinkSwitch짰-HF (LNK354P)
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
EPR-91 POWERINT-EPR-91 Datasheet
712Kb / 36P
Engineering Prototype Report for EP-91 - 12 W Power Supply using
EPR-93 POWERINT-EPR-93 Datasheet
552Kb / 40P
Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com