Electronic Components Datasheet Search
  English  ▼

X  

EPR-89 Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # EPR-89
Description  Engineering Prototype Report for 2.0 W CV Adapter using LNK362P
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-89 Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button EPR-89 Datasheet HTML 9Page - Power Integrations, Inc. EPR-89 Datasheet HTML 10Page - Power Integrations, Inc. EPR-89 Datasheet HTML 11Page - Power Integrations, Inc. EPR-89 Datasheet HTML 12Page - Power Integrations, Inc. EPR-89 Datasheet HTML 13Page - Power Integrations, Inc. EPR-89 Datasheet HTML 14Page - Power Integrations, Inc. EPR-89 Datasheet HTML 15Page - Power Integrations, Inc. EPR-89 Datasheet HTML 16Page - Power Integrations, Inc. EPR-89 Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
08-Nov-2005
EP-89 6.2 V, 322 mA Adapter
8
Design Spreadsheets
ACDC_LinkSwitch
-XT_101205;
Rev.1.2;
Copyright Power
Integrations 2005
INPUT
INFO
OUTPUT
UNIT
ACDC_LinkSwitch-XT_101205_Rev1-2.xls;
LinkSwitch-XT Continuous/Discontinuous Flyback
Transformer Design Spreadsheet
ENTER APPLICATION
VARIABLES
EP89
VACMIN
85
Volts
Minimum AC Input Voltage
VACMAX
265
Volts
Maximum AC Input Voltage
fL
50
Hertz
AC Mains Frequency
VO
6.20
Volts
Output Voltage (main) (For CC designs enter upper
CV tolerance limit)
IO
0.32
Amps
Power Supply Output Current (For CC designs enter
upper CC tolerance limit)
CC Threshold
Voltage
0.00
Volts
Voltage drop across sense resistor.
Output Cable
Voltage Resistance
0.17 Ohms
Enter the resistance of the output cable (if used)
PO
2.00 Watts
Output Power (VO x IO + CC dissipation)
Feedback Type
Opto
Opto
Enter 'BIAS' for Bias winding feedback and 'OPTO' for
Optocoupler feedback
Add Bias Winding
No
No
Enter 'YES' to add a Bias winding. Enter 'NO' to
continue design without a Bias winding. Addition of
Bias winding can lower no load consumption
Clampless design
(LNK 362 only)
Yes
Caution
Clampless
!!! Caution. For designs above 2 W and no Bias
winding, Verify peak Drain Voltage and EMI
performance
n
0.63
0.63
Efficiency Estimate at output terminals.
Z
0.50
0.5
Loss Allocation Factor (suggest 0.5 for CC=0 V, 0.75
for CC=1 V)
tC
2.90
mSeconds
Bridge Rectifier Conduction Time Estimate
CIN
6.60
uFarads
Input Capacitance
Input Rectification
Type
F
F
Choose H for Half Wave Rectifier and F for Full Wave
Rectification
ENTER LinkSwitch-XT
VARIABLES
LinkSwitch-XT
LNK362
LNK362
User selection for LinkSwitch-XT
Chosen Device
LNK362
ILIMITMIN
0.130 Amps
Minimum Current Limit
ILIMITMAX
0.150 Amps
Maximum Current Limit
fSmin
124000 Hertz
Minimum Device Switching Frequency
I^2fmin
2199 A^2Hz
I^2f (product of current limit squared and frequency is
trimmed for tighter tolerance)
VOR
77.00
77 Volts
VOR > 90V not recommended for Clampless designs
with no Bias windings. Reduce VOR below 90V
VDS
10 Volts
LinkSwitch-XT on-state Drain to Source Voltage
VD
0.75
0.75 Volts
Output Winding Diode Forward Voltage Drop
KP
1.00
Ripple to Peak Current Ratio (0.6 < KP < 6.0)
Page 13 of 32
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com